Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4617 Datasheet(PDF) 2 Page - Rohm

Part # 2SC4617
Description  General purpose transistor (50V, 0.15A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4617 Datasheet(HTML) 2 Page - Rohm

  2SC4617 Datasheet HTML 1Page - Rohm 2SC4617 Datasheet HTML 2Page - Rohm 2SC4617 Datasheet HTML 3Page - Rohm 2SC4617 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.01 - Rev.D
Data Sheet
2SC2412K / 2SC4081 / 2SC4617 / 2SC5658
Packaging specifications and hFE
Package
Code
Taping
Basic ordering
unit (pieces)
T146
T106
3000
3000
QR
hFE
QR
2SC2412K
2SC4081
−−
TL
3000
T2L
8000
QR
2SC4617
−−
QR
2SC5658
Type
hFE values are classified as follows :
Item
Q
R
hFE
120 to 270
180 to 390
Electrical characterristic curves
Fig.1
Grounded emitter propagation
characteristics
0
0.1
0.2
0.5
2
20
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5
10
VCE
=6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2
Grounded emitter output
characteristics (
Ι )
0
20
40
60
80
100
0.4
0.8
1.2
1.6
2.0
0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0.05mA
0.10mA
0.15mA
0.25mA
0.30mA
0.35mA
0.20mA
Ta=25
°C
IB=0A
0.40mA
0.50mA
0.45mA
0
0
2
8
10
4
8
12
16
4
6
20
IB=0A
Ta=25
°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
3
μA
6
μA
9
μA
12
μA
15
μA
18
μA
21
μA
24
μA
27
μA
30
μA
Fig.3
Grounded emitter output
characteristics (
ΙΙ )
0.2
20
10
0.5 1
2
5
10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25
°C
Fig.4 DC current gain vs.
collector current (
Ι )
COLLECTOR CURRENT : IC
(mA)
0.2
0.5 1
2
5
10 20
50 100 200
20
10
50
100
200
500
25
°C
−55°C
Ta=100
°C
VCE=
5V
Fig.5 DC current gain vs.
collector current (
ΙΙ )
COLLECTOR CURRENT : IC
(mA)
Fig. 6 Collector-emitter saturation
voltage vs. collector current
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5 1
2
5
10
20
50 100 200
IC/IB=50
20
10
Ta=25
°C


Similar Part No. - 2SC4617

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
Unisonic Technologies
2SC4617 UTC-2SC4617 Datasheet
257Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
128Kb / 6P
   General Purpose Amplifier Transistors(NPN Silicon)
November, 2001 ??Rev. 3
logo
SeCoS Halbleitertechnol...
2SC4617 SECOS-2SC4617 Datasheet
345Kb / 2P
   NPN Silicon General Purpose Transistor
logo
Rohm
2SC4617 ROHM-2SC4617 Datasheet
77Kb / 3P
   2SC4097 / 2SC1741S
More results

Similar Description - 2SC4617

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2SC5658T2LR LITTELFUSE-2SC5658T2LR Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
logo
Renesas Technology Corp
2SC5658T2LR RENESAS-2SC5658T2LR Datasheet
110Kb / 5P
   General purpose transistor (50V, 0.15A)
logo
Rohm
2SC2412K ROHM-2SC2412K_07 Datasheet
120Kb / 4P
   General purpose transistor(50V, 0.15A)
logo
Littelfuse
2SC2412KT146Q LITTELFUSE-2SC2412KT146Q Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC4617TLR LITTELFUSE-2SC4617TLR Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
logo
Rohm
2SC2412K ROHM-2SC2412K_1 Datasheet
89Kb / 4P
   General purpose transistor (50V, 0.15A)
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
   General Purpose Transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC2412KT146R ROHM-2SC2412KT146R Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SA1774EB ROHM-2SA1774EB_09 Datasheet
167Kb / 3P
   General Purpose Transistor (50V, 0.15A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com