Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISM95-7451AO-20.000 Datasheet(PDF) 2 Page - ILSI America LLC

Part # ISM95-7451AO-20.000
Description  2.0 mm x 2.5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ISM95-7451AO-20.000 Datasheet(HTML) 2 Page - ILSI America LLC

  ISM95-7451AO-20.000 Datasheet HTML 1Page - ILSI America LLC ISM95-7451AO-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.0 mm x 2.5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM95 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
06/09_A
Specifications subject to change without notice
Page 2
Pb Free Solder Reflow Profile:
Typical Application:
*Units are backward compatible with 240C reflow processes
Package Information:
MSL = N.A. (package does not contain plastic, storage life is
unlimited under normal room conditions).
Termination = e4 (Au over Ni over W base metalization).
Tape and Reel Information:
Environmental Specifications
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Marking
Line 1: ILSI and Date Code (YWW)
Line 2: Frequency
Quantity per
Reel
1000
A
8 +/-.3
B
4 +/-.2
C
3.5 +/-.2
D
9 +/-1 or 12 +/-.3
E
60 / 80
F
180


Similar Part No. - ISM95-7451AO-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM91 ILSI-ISM91 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151AH-20.000 ILSI-ISM91-1151AH-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151AO-20.000 ILSI-ISM91-1151AO-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151BH-20.000 ILSI-ISM91-1151BH-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151BO-20.000 ILSI-ISM91-1151BO-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
More results

Similar Description - ISM95-7451AO-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM97 ILSI-ISM97 Datasheet
104Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM34 ILSI-ISM34 Datasheet
48Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, HC-MOS
ISM91 ILSI-ISM91 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM92 ILSI-ISM92 Datasheet
113Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM92-5151EH-20.000 ILSI-ISM92-5151EH-20.000 Datasheet
103Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM61 ILSI-ISM61 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
I605 ILSI-I605 Datasheet
49Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603 ILSI-I603 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I604 ILSI-I604 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I587 ILSI-I587 Datasheet
87Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com