Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16245GX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVTH16245GX
Description  Low Voltage 16-Bit Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH16245GX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVTH16245GX Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16245GX Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16245GX Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16245GX Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16245GX Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16245GX Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16245GX Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH16245GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 5: Applies to bushold versions only (74LVTH16245).
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 8: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 9)
Note 9: Characterized in SSOP package. Guaranteed parameter, but not tested.
Note 10: Max number of outputs defined as (n). n
1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Note 11: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance (Note 12)
Note 12: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Max
IOZH
3-STATE Output Leakage Current
3.6
5
PAVO 3.0V
IOZH
3-STATE Output Leakage Current
3.6
5
PAVO 3.6V
(Note 5)
IOZH
3-STATE Output Leakage Current
3.6
10
PAVCC  VO d 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
Outputs HIGH
ICCL
Power Supply Current
3.6
5.0
mA
Outputs LOW
ICCZ
Power Supply Current
3.6
0.19
mA
Outputs Disabled
ICCZ
Power Supply Current
3.6
0.19
mA
VCC d VO d 5.5V,
Outputs Disabled
'ICC
Increase in Power Supply Current
3.6
0.2
mA
One Input at VCC  0.6V
(Note 8)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Min
Typ
Max
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 10)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.8
V
(Note 10)
Symbol
Parameter
TA 40qC to 85qC
Units
CL 50 pF, RL 500:
VCC 3.3V r 0.3V
VCC 2.7V
MinMax
MinMax
tPLH
Propagation Delay Data to Output
1.5
3.5
1.5
3.9
ns
tPHL
1.3
3.5
1.3
3.9
tPZH
Output Enable Time
1.5
4.5
1.5
5.3
ns
tPZL
1.6
5.3
1.6
6.9
tPHZ
Output Disable Time
2.3
5.4
2.3
6.1
ns
tPLZ
2.2
5.1
2.2
5.4
tOSHL
Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 11)
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC 0V, VI 0V or VCC
4pF
CI/O
Input/Output Capacitance
VCC 3.0V, VO 0V or VCC
8pF


Similar Part No. - 74LVTH16245GX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH16245ADGGRE4 TI-74LVTH16245ADGGRE4 Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADGGRE4 TI-74LVTH16245ADGGRE4 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADGGRE4 TI-74LVTH16245ADGGRE4 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADGGRE4 TI-74LVTH16245ADGGRE4 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADGGRE4 TI1-74LVTH16245ADGGRE4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH16245GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH16646 FAIRCHILD-74LVTH16646 Datasheet
89Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16652 FAIRCHILD-74LVTH16652 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVT16646 FAIRCHILD-74LVT16646 Datasheet
91Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16543 FAIRCHILD-74LVTH16543 Datasheet
74Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
74LVTH16952 FAIRCHILD-74LVTH16952 Datasheet
75Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVTH16646 ONSEMI-74LVTH16646 Datasheet
197Kb / 11P
   Low Voltage 16-Bit Transceiver/Register 3-STATE Outputs
Revised October 2001
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com