Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT162244GX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LVT162244GX
Description  Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT162244GX Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74LVT162244GX Datasheet HTML 1Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 2Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 3Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 4Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 5Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 6Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 7Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA54A


Similar Part No. - 74LVT162244GX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT162244G ONSEMI-74LVT162244G Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74LVT162244G ONSEMI-74LVT162244G Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
More results

Similar Description - 74LVT162244GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162240 FAIRCHILD-74LVTH162240 Datasheet
80Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT2240 FAIRCHILD-74LVT2240_05 Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74LVT162245 FAIRCHILD-74LVT162245 Datasheet
78Kb / 9P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
74LCXZ162244 FAIRCHILD-74LCXZ162244_05 Datasheet
94Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74LCXZ162244 FAIRCHILD-74LCXZ162244 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com