Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCDS-D-CC1 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # TPCDS-D-CC1
Description  Telpower Compact Fused Disconnect Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPCDS-D-CC1 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  TPCDS-D-CC1 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPCDS-D-CC1 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPCDS-D-CC1 Datasheet HTML 3Page - Cooper Bussmann, Inc. TPCDS-D-CC1 Datasheet HTML 4Page - Cooper Bussmann, Inc. TPCDS-D-CC1 Datasheet HTML 5Page - Cooper Bussmann, Inc. TPCDS-D-CC1 Datasheet HTML 6Page - Cooper Bussmann, Inc. TPCDS-D-CC1 Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bussmann
®
Telpower® Compact Fused Disconnect Switch
TPC & TPCDS
Telpower® DC Power Protection Systems
Form No. TPC & TPCDS
Page 3 of 7
Data Sheet: 5023
Look for Telpower® BLUE™ fuses exclusively from Cooper Bussmann.
3-26-03
SB03069
TPCDS Terminal Styles
Compact Fused Disconnect Switch
Line: Bullet
Load: Bullet
Line: Bullet
Load: Stud
Line: Stud
Load: Stud
TPC Fuse


Similar Part No. - TPCDS-D-CC1

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPCDSOD323-T05SC TECHPUBLIC-TPCDSOD323-T05SC Datasheet
1Mb / 4P
   Bl-directional TVS Diode
TPCDSOD323-T12SC TECHPUBLIC-TPCDSOD323-T12SC Datasheet
1Mb / 4P
   Bl-directional TVS Diode
TPCDSOT23-SM712 TECHPUBLIC-TPCDSOT23-SM712 Datasheet
2Mb / 4P
   Asymmetrical TVS Diode
TPCDSOT23-SRV05-4 TECHPUBLIC-TPCDSOT23-SRV05-4 Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
More results

Similar Description - TPCDS-D-CC1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPM-3 COOPER-TPM-3 Datasheet
442Kb / 4P
   Telpower짰 Miniature Fused Disconnect Switch
SM363FG COOPER-SM363FG Datasheet
1Mb / 32P
   Safety Module fused disconnect switch
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
   24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
Cooper Bussmann, Inc.
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
   Disconnect Switch
logo
Littelfuse
48513 LITTELFUSE-48513 Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
logo
Littelfuse
LS7R0250 LITTELFUSE-LS7R0250 Datasheet
916Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
logo
Vishay Siliconix
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com