Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT2245 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74LVT2245
Description  Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT2245 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVT2245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT2245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT2245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT2245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT2245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT2245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT2245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT2245 Datasheet HTML 8Page - Fairchild Semiconductor 74LVT2245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 11)
Note 11: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA 40qC to 85qC
Units
CL 50 pF, RL 500:
VCC 3.3V r 0.3V
VCC 2.7V
Min
Max
Min
Max
tPLH
Propagation Delay Data to B Port Output
1.2
4.4
1.2
5.1
ns
tPHL
1.2
4.4
1.2
5.1
tPLH
Propagation Delay Data to A Port Output
1.2
3.6
1.2
4.0
ns
tPHL
1.2
3.5
1.2
4.0
tPZH
Output Enable Time for B Port Output
1.3
6.2
1.3
7.3
ns
tPZL
1.7
6.2
1.7
7.3
tPZH
Output Enable Time for A Port Output
1.3
5.5
1.3
7.1
ns
tPZL
1.7
5.7
1.7
6.7
tPHZ
Output Disable Time for B Port Output
2.0
5.9
2.0
6.5
ns
tPLZ
2.0
5.4
2.0
5.7
tPHZ
Output Disable Time for A Port Output
2.0
5.9
2.0
6.5
ns
tPLZ
2.0
5.0
2.0
5.1
tOSHL
A Port Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 10)
tOSHL
B Port Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 10)
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC 0V, VI 0V or VCC
4pF
CI/O
Input/Output Capacitance
VCC 3.0V, VO 0V or VCC
8pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXR162245Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT322245Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT162245Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXH2245Low Voltage Bidirectional Transceiver with Bushold and 26Ω Series Resistors in B Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162374Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC2245Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXR2245Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26Ω Series Resistors on Both A and B Ports 1 2 3 4 5 MoreFairchild Semiconductor
74LVT322373Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn