Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1585T-1.5 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RC1585T-1.5
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC1585T-1.5 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RC1585T-1.5 Datasheet HTML 1Page - Fairchild Semiconductor RC1585T-1.5 Datasheet HTML 2Page - Fairchild Semiconductor RC1585T-1.5 Datasheet HTML 3Page - Fairchild Semiconductor RC1585T-1.5 Datasheet HTML 4Page - Fairchild Semiconductor RC1585T-1.5 Datasheet HTML 5Page - Fairchild Semiconductor RC1585T-1.5 Datasheet HTML 6Page - Fairchild Semiconductor RC1585T-1.5 Datasheet HTML 7Page - Fairchild Semiconductor RC1585T-1.5 Datasheet HTML 8Page - Fairchild Semiconductor RC1585T-1.5 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RC1585
PRODUCT
SPECIFICATION
2
Pin Assignments
3-Lead Plastic TO-263
ΘJA=30°C/W*
3-Lead Plastic TO-220
ΘJA=50°C/W
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power
plane.
ΘJA can vary from 20°C/W to >40°C/W with other mounting techniques.
Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
VIN
7V
Operating Junction Temperature Range
Control Section
0
125
°C
Power Transistor
0
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
RC1585T
FRONT VIEW
ADJ
OUT
IN
1
2
3
RC1585T-1.5
FRONT VIEW
GND OUT IN
1
2
3
RC1585M-1.5
FRONT VIEW
GND OUT IN
1
2
3
RC1585M
FRONT
ADJ
OUT
IN
1
2
3


Similar Part No. - RC1585T-1.5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
More results

Similar Description - RC1585T-1.5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com