Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC-75 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # TPC-75
Description  Telpower Compact Fused Disconnect Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPC-75 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  TPC-75 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPC-75 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPC-75 Datasheet HTML 3Page - Cooper Bussmann, Inc. TPC-75 Datasheet HTML 4Page - Cooper Bussmann, Inc. TPC-75 Datasheet HTML 5Page - Cooper Bussmann, Inc. TPC-75 Datasheet HTML 6Page - Cooper Bussmann, Inc. TPC-75 Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bussmann
®
Telpower® Compact Fused Disconnect Switch
TPC & TPCDS
Telpower® DC Power Protection Systems
Form No. TPC & TPCDS
Page 4 of 7
Data Sheet: 5023
Look for Telpower® BLUE™ fuses exclusively from Cooper Bussmann.
3-26-03
SB03069
TPCDS-D Terminal Styles
DIN Rail Fused Disconnect Switch
Alarm Schematic
NOTES:
1. The Electronic Monitoring Circuit (EMC) is a high input
impedance device that will provide alarming for an
open-fuse condition.
2. Typical leakage current through the load when the EMC
is operational
≤ 2 mA.
3. The resistance, R, must be provided by the end-user to
limit the alarm output current to a maximum of 20 mA.
The value, R, should be calculated using the system
voltage value.
If remote alarm functionality is not required, the
END-USER CIRCUITRY must still be supplied to
provide a resistive path to the return for the local
alarm to properly function.
4. The fuse is polarized to maintain proper orientation with
the switch housing. The line and load terminals are
identified on the switch housing.
5.
Electrical integrity of the load must be maintained after
fuse has opened in order for the local and remote alarm
to properly function.
Line: Screw Clamp
Load: Screw Clamp
Line: Stud*
Load: Screw
Clamp
Line: Bullet*
Load: Screw
Clamp
*Note: TPCDS-D Bullet / Screw Clamp and Stud / Screw Clamp terminal styles are not intended for 35 mm
DIN-RAIL mounting and will require auxiliary mechanical securement (not provided) for mounting.


Similar Part No. - TPC-75

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-71W ADVANTECH-TPC-71W Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
TPC-71W-N10PA ADVANTECH-TPC-71W-N10PA Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
TPC-71W-N21AA ADVANTECH-TPC-71W-N21AA Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
TPC-71W-N21PA ADVANTECH-TPC-71W-N21PA Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
TPC-71W-N21WA ADVANTECH-TPC-71W-N21WA Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
More results

Similar Description - TPC-75

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPM-3 COOPER-TPM-3 Datasheet
442Kb / 4P
   Telpower짰 Miniature Fused Disconnect Switch
SM363FG COOPER-SM363FG Datasheet
1Mb / 32P
   Safety Module fused disconnect switch
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
   24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
Cooper Bussmann, Inc.
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
   Disconnect Switch
logo
Littelfuse
48513 LITTELFUSE-48513 Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
logo
Littelfuse
LS7R0250 LITTELFUSE-LS7R0250 Datasheet
916Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
logo
Vishay Siliconix
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com