Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1117M3-L-1-5/TR Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX1117M3-L-1-5/TR
Description  800mA Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1117M3-L-1-5/TR Datasheet(HTML) 7 Page - Exar Corporation

Back Button SPX1117M3-L-1-5/TR Datasheet HTML 3Page - Exar Corporation SPX1117M3-L-1-5/TR Datasheet HTML 4Page - Exar Corporation SPX1117M3-L-1-5/TR Datasheet HTML 5Page - Exar Corporation SPX1117M3-L-1-5/TR Datasheet HTML 6Page - Exar Corporation SPX1117M3-L-1-5/TR Datasheet HTML 7Page - Exar Corporation SPX1117M3-L-1-5/TR Datasheet HTML 8Page - Exar Corporation SPX1117M3-L-1-5/TR Datasheet HTML 9Page - Exar Corporation SPX1117M3-L-1-5/TR Datasheet HTML 10Page - Exar Corporation SPX1117M3-L-1-5/TR Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
S
SP
PX
X1
11
11
17
7
8
80
00
0m
mA
A L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
7/11
Rev. 2.1.0
layer on the backside of the substrate. Refer
to table 1 for the results of the experiment.
The
thermal
interaction
from
other
components in the application can affect the
thermal resistance of the SPX1117. The actual
thermal resistance can be determined with
experimentation.
SPX1117 power dissipation is calculated as
follows:
Maximum Junction Temperature
.
Maximum junction temperature must not
exceed 125°C.
Fig. 19: Substrate Layout for SOT-223
RIPPLE REJECTION
Ripple rejection can be improved by adding a
capacitor between the ADJ pin and ground as
shown in Figure 23. When ADJ pin bypassing
is used, the value of the output capacitor
required increases to its maximum. If the ADJ
pin is not bypassed, the value of the output
capacitor can be lowered to 10μF for an
electrolytic aluminum capacitor or 2.2μF for a
ceramic or solid tantalum capacitor (Fig 22).
However
the
value
of
the
ADJ-bypass
capacitor should be chosen with respect to the
following equation:
1
6.28
Where
C: value of capacitor in Farads
FR: ripple frequency in Hz
R1: value of resistor R1 in ohms
If an ADJ-bypass capacitor is used, the
amplitude of the output ripple will be
independent of the output voltage. If an ADJ-
bypass capacitor is not used, the output ripple
will be proportional to the ratio of the output
voltage to the reference voltage:
Where M=multiplier for the ripple seen when
the ADJ pin is optimally bypassed.
VREF=1.25V
Ripple rejection for the adjustable version is
shown in Figure 20.
Fig. 20: Ripple Rejection
VIN=3.3V, VOUT=1.8V(adj), ILOAD=200mA
OUTPUT VOLTAGE
The output of the adjustable regulator can be
set to any voltage between 1.25V and 15V.
The value of VOUT can be quickly approximated
using the formula
1.25
A small correction to this formula is required
depending on the values of resistors R1 and
R2, since the adjustable pin current (approx
50μA) flows through R2. When IADJ is taken
into account, the formula becomes
Where VREF=1.25V


Similar Part No. - SPX1117M3-L-1-5/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117M3-L-1-5/TR SIPEX-SPX1117M3-L-1-5/TR Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1117M3-L-1-5/TR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com