Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1117M3-L-3.3 Datasheet(PDF) 10 Page - Exar Corporation

Part # SPX1117M3-L-3.3
Description  800mA Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1117M3-L-3.3 Datasheet(HTML) 10 Page - Exar Corporation

Back Button SPX1117M3-L-3.3 Datasheet HTML 3Page - Exar Corporation SPX1117M3-L-3.3 Datasheet HTML 4Page - Exar Corporation SPX1117M3-L-3.3 Datasheet HTML 5Page - Exar Corporation SPX1117M3-L-3.3 Datasheet HTML 6Page - Exar Corporation SPX1117M3-L-3.3 Datasheet HTML 7Page - Exar Corporation SPX1117M3-L-3.3 Datasheet HTML 8Page - Exar Corporation SPX1117M3-L-3.3 Datasheet HTML 9Page - Exar Corporation SPX1117M3-L-3.3 Datasheet HTML 10Page - Exar Corporation SPX1117M3-L-3.3 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
S
SP
PX
X1
11
11
17
7
8
80
00
0m
mA
A L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
10/11
Rev. 2.1.0
3-PIN TO-263


Similar Part No. - SPX1117M3-L-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117M3-L-3-0 SIPEX-SPX1117M3-L-3-0 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-0/TR SIPEX-SPX1117M3-L-3-0/TR Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3 SIPEX-SPX1117M3-L-3-3 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1117M3-L-3-3/TR SIPEX-SPX1117M3-L-3-3/TR Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1117M3-L-3.3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com