Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML2246TRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML2246TRPBF
Description  HEXFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2246TRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRLML2246TRPBF Datasheet HTML 2Page - International Rectifier IRLML2246TRPBF Datasheet HTML 3Page - International Rectifier IRLML2246TRPBF Datasheet HTML 4Page - International Rectifier IRLML2246TRPBF Datasheet HTML 5Page - International Rectifier IRLML2246TRPBF Datasheet HTML 6Page - International Rectifier IRLML2246TRPBF Datasheet HTML 7Page - International Rectifier IRLML2246TRPBF Datasheet HTML 8Page - International Rectifier IRLML2246TRPBF Datasheet HTML 9Page - International Rectifier IRLML2246TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRLML2246TRPbF
www.irf.com
7
Fig 15. Typical Threshold Voltage vs.
Junction Temperature
Fig 16. Typical Power vs. Time
1E-7 1E-6 1E-5 1E-4 1E-3 1E-2 1E-1 1E+0
Time (sec)
0
200
400
600
800
1000
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.0
0.2
0.4
0.6
0.8
1.0
1.2
ID = -10μA
ID = -250μA


Similar Part No. - IRLML2246TRPBF

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
IRLML2246TRPBF ZPSEMI-IRLML2246TRPBF Datasheet
261Kb / 2P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com