Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1904011-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2-1904011-2
Description  Power Relay B Plug-in Mini ISO Relays Automotive Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1904011-2 Datasheet(HTML) 4 Page - Tyco Electronics

  2-1904011-2 Datasheet HTML 1Page - Tyco Electronics 2-1904011-2 Datasheet HTML 2Page - Tyco Electronics 2-1904011-2 Datasheet HTML 3Page - Tyco Electronics 2-1904011-2 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
06-2011, Rev. 0611
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Power Relay B (Continued)
Automotive Relays
Plug-in Mini ISO Relays
Product code
Arrangement Cover
Coil suppr.
Circuit1)
Coil Cont. material
Terminals
Part number
V23234-A0001-X032
1 Form C,
Standard
Resistor 680Ω
COR
12VDC
Silver based
Plug-in, QC
1-1904020-2
V23234-A0001-X038
1 CO
Diode (cathode 86)
COD
1-1904020-5
V23234-A0001-X040
CO
4-1904020-7
V23234-A0004-X055
24VDC
2-1904025-6
V23234-A0004-X051
Diode (cathode 86)
COD
2-1904025-3
V23234-A0004-X053
Resistor 1400Ω
COR
2-1904025-5
V23234-A1001-X033
Bracket
Resistor 680Ω
12VDC
1-1904022-1
V23234-A1001-X036
CO
3-1904022-2
V23234-A1001-X041
Diode (cathode 86)
COD
2-1904022-3
V23234-A1004-X050
CO
24VDC
1-1904027-1
V23234-A1004-X054
Resistor 1400Ω
COR
3-1904027-2
V23234-B0001-X001
1 Form A,
Standard
Resistor 680Ω
NOR
12VDC
5-1904006-1
V23234-B0002-X012
1 NO
NO
1-1904008-2
V23234-B1001-X004
Bracket
Resistor 680Ω
NOR
1-1904007-1
V23234-B1001-X010
NO
1-1904007-2
V23234-C0001-X003
1 Form A,
Standard
Diode (cathode 86) NOD_2x87
2-1904011-1
V23234-C0001-X006 1 NO (2x87)
NO_2x87
2-1904011-2
V23234-C0004-X018
Resistor 1400Ω
NOR_2x87
24VDC
2-1904015-1
V23234-C0004-X020
NO_2x87
1-1904015-3
V23234-C1001-X005
Bracket
12VDC
5-1904012-1
V23234-C1004-X017
24VDC
5-1904014-1
V23234-C1004-X085
Resistor 1400Ω
NOR_2x87
1904015-5
V23234-K1001-X024 1 Form A, 1 NO
Resistor 680Ω NOR (non ISO)
12VDC
Plug-in, QC /non ISO
5-1904018-1
1) See terminal assignment diagrams.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.
Product code structure
Typical product code
V23234
-A
0
001 -X040
Type
V23234 Power Relay B
Contact arrangement
A
1 form C, 1 CO
B
1 form A, 1 NO
C
1 form A, 1 NO (2x87)
K
1 form A, 1 NO (non ISO)
Cover
0
Standard
1
Bracket near terminal 30 ISO
Coil
001
12VDC
002
12VDC
004
24VDC
Terminal/arrangement
Xnnn Customized (nnn: version number)


Similar Part No. - 2-1904011-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1904011-2 TEC-2-1904011-2 Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Similar Description - 2-1904011-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com