Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT162245 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74LVT162245
Description  Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT162245 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVT162245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 8Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 5: Applies to Bushold versions only (74LVTH162245).
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 8: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 9)
Note 9: Characterized in SSOP package. Guaranteed parameter, but not tested.
Note 10: Max number of outputs defined as (n). n
1 data inputs are driven 0V to 3V. Output under test held LOW.
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Max
IPU/PD
Power Up/Down
0–1.5V
r100
PA
VO 0.5V to 3.0V
3-STATE Current
VI GND to VCC
IOZL
3-STATE Output Leakage Current
3.6
5
PAVO 0.5V
IOZL
3-STATE Output Leakage Current
3.6
5
PAVO 0.0V
(Note 5)
IOZH
3-STATE Output Leakage Current
3.6
5
PAVO 3.0V
IOZH
3-STATE Output Leakage Current
3.6
5
PAVO 3.6V
(Note 5)
IOZH
3-STATE Output Leakage Current
3.6
10
PAVCC  VO d 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
Outputs HIGH
ICCL
Power Supply Current
3.6
5
mA
Outputs LOW
ICCZ
Power Supply Current
3.6
0.19
mA
Outputs Disabled
ICCZ
Power Supply Current
3.6
0.19
mA
VCC d VO d 5.5V,
Outputs Disabled
'ICC
Increase in Power Supply Current
3.6
0.2
mA
One Input at VCC  0.6V
(Note 8)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Min
Typ
Max
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 10)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.8
V
(Note 10)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVT162244 Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT322245 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25Ω Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162240 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT2245 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162373 Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162374 Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCXR162245 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVCH162374 Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn