Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT162245 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74LVT162245
Description  Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT162245 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVT162245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 8Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating Conditions
Note 3: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied.
Note 4: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 4.6
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to 7.0
Output in HIGH or LOW State (Note 4)
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
IO
DC Output Current
64
VO ! VCC Output at HIGH State
mA
128
VO ! VCC Output at LOW State
ICC
DC Supply Current per Supply Pin
r64
mA
IGND
DC Ground Current per Ground Pin
r128
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
2.7
3.6
V
VI
Input Voltage
0
5.5
V
IOH
HIGH-Level Output Current
B Port
32
mA
A Port
12
IOL
LOW-Level Output Current
B Port
64
mA
A Port
12
TA
Free Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Max
VIK
Input Clamp Diode Voltage
2.7
1.2
V
II 18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO d 0.1V or
VIL
Input LOW Voltage
2.7–3.6
0.8
V
VO t VCC  0.1V
VOH
Output HIGH Voltage
A Port
3.0
2.0
V
IOH 12 mA
2.7–3.6
VCC0.2
VIOH 100 PA
B Port
2.7
2.4
V
IOH 8 mA
3.0
2.0
IOH 32 mA
VOL
Output LOW Voltage
A Port
3.0
0.8
V
IOL 12 mA
2.7
0.2
V
IOL 100 PA
B Port
2.7
0.5
V
IOL 24 mA
3.0
0.4
IOL 16 mA
3.0
0.5
IOL 32 mA
3.0
0.55
IOL 64 mA
II(HOLD)
Bushold Input Minimum Drive
3.0
75
PA
VI 0.8V
(Note 5)
75
VI 2.0V
II(OD)
Bushold Input Over-Drive
3.0
500
PA
(Note 6)
(Note 5)
Current to Change State
500
(Note 7)
II
Input Current
3.6
10
PA
VI 5.5V
Control Pins
3.6
r1VI 0V or VCC
Data Pins
3.6
5VI 0V
1VI VCC
IOFF
Power Off Leakage Current
0
r100
PA0V d VI or VO d 5.5V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVT162244 Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT322245 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25Ω Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162240 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT2245 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162373 Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162374 Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCXR162245 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVCH162374 Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn