Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT162245 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74LVT162245
Description  Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT162245 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVT162245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 8Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Functional Description
The LVT162245 and LVTH162245 contain sixteen non-
inverting bidirectional buffers with 3-STATE outputs. The
device is byte controlled with each byte functioning identi-
cally, but independent of the other. The control pins can be
shorted together to obtain full 16-bit operation.
Logic Diagrams
Please note that these diagrams are provided only for the understanding of logic operations and should not be used to estimate propagation delays.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVT162244 Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT322245 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25Ω Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162240 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT2245 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162373 Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162374 Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCXR162245 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVCH162374 Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn