Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ86SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVQ86SJ
Description  Low Voltage Quad 2-Input Exclusive-OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ86SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVQ86SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ86SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ86
Low Voltage Quad 2-Input Exclusive-OR Gate
General Description
The LVQ86 contains four 2-input exclusive-OR gates.
Features
n Ideal for low power/low noise 3.3V applications
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Guaranteed pin-to-pin skew AC performance
n Guaranteed incident wave switching into 75
Ordering Code:
Order Number
Package Number
Package Description
74LVQ86SC
M14A
14-Lead (0.150" Wide) Molded Small Outline Package, SOIC JEDEC
74LVQ86SJ
M14D
14-Lead Small Outline Package, SOIC EIAJ
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
Pin Descriptions
Pin Names
Description
A
0–A3
Inputs
B
0–B3
Inputs
O
0–O3
Outputs
IEEE/IEC
DS011348-1
Pin Assignment
SOIC JEDEC and EIAJ
DS011348-2
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011348
www.fairchildsemi.com


Similar Part No. - 74LVQ86SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ86SJ FAIRCHILD-74LVQ86SJ Datasheet
52Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
More results

Similar Description - 74LVQ86SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ86 FAIRCHILD-74LVQ86_01 Datasheet
52Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86_08 Datasheet
306Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86 FAIRCHILD-74LVX86 Datasheet
62Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86M FAIRCHILD-74LVX86M Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LCX86 ONSEMI-74LCX86 Datasheet
331Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com