Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3182TSR2V Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FOD3182TSR2V
Description  3A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3182TSR2V Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FOD3182TSR2V Datasheet HTML 1Page - Fairchild Semiconductor FOD3182TSR2V Datasheet HTML 2Page - Fairchild Semiconductor FOD3182TSR2V Datasheet HTML 3Page - Fairchild Semiconductor FOD3182TSR2V Datasheet HTML 4Page - Fairchild Semiconductor FOD3182TSR2V Datasheet HTML 5Page - Fairchild Semiconductor FOD3182TSR2V Datasheet HTML 6Page - Fairchild Semiconductor FOD3182TSR2V Datasheet HTML 7Page - Fairchild Semiconductor FOD3182TSR2V Datasheet HTML 8Page - Fairchild Semiconductor FOD3182TSR2V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3182 Rev. 1.0.9
4
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +100
°C
TJ
Junction Temperature
-40 to +125
°C
TSOL
Lead Solder Temperature – Wave solder
(Refer to Reflow Temperature Profile, pg. 22)
260 for 10 sec.
°C
IF(AVG)
Average Input Current(1)
25
mA
IF(tr, tf)
LED Current Minimum Rate of Rise/Fall
250
ns
VR
Reverse Input Voltage
5
V
IOH(PEAK)
“High” Peak Output Current(2)
3A
IOL(PEAK)
“Low” Peak Output Current(2)
3A
VDD – VSS
Supply Voltage
-0.5 to 35
V
VO(PEAK)
Output Voltage
0 to VDD
V
PO
Output Power Dissipation(4)
250
mW
PD
Total Power Dissipation(5)
295
mW
Symbol
Parameter
Value
Units
VDD – VSS
Power Supply
10 to 30
V
IF(ON)
Input Current (ON)
10 to 16
mA
VF(OFF)
Input Voltage (OFF)
-3.0 to 0.8
V


Similar Part No. - FOD3182TSR2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3182TSR2V ONSEMI-FOD3182TSR2V Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
More results

Similar Description - FOD3182TSR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com