Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3182TSV Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD3182TSV
Description  3A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3182TSV Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD3182TSV Datasheet HTML 1Page - Fairchild Semiconductor FOD3182TSV Datasheet HTML 2Page - Fairchild Semiconductor FOD3182TSV Datasheet HTML 3Page - Fairchild Semiconductor FOD3182TSV Datasheet HTML 4Page - Fairchild Semiconductor FOD3182TSV Datasheet HTML 5Page - Fairchild Semiconductor FOD3182TSV Datasheet HTML 6Page - Fairchild Semiconductor FOD3182TSV Datasheet HTML 7Page - Fairchild Semiconductor FOD3182TSV Datasheet HTML 8Page - Fairchild Semiconductor FOD3182TSV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3182 Rev. 1.0.9
3
Safety and Insulation Ratings
As per DIN EN/IEC 60747-5-2. This optocoupler is suitable for “safe electrical insulation” only within the safety
limit data. Compliance with the safety ratings shall be ensured by means of protective circuits.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89 Table 1
For Rated Mains Voltage < 150Vrms
I–IV
For Rated Mains Voltage < 300Vrms
I–IV
For Rated Mains Voltage < 450Vrms
I–III
For Rated Mains Voltage < 600Vrms
I–III
For Rated Mains Voltage < 1000Vrms (Option T, TS)
I–III
Climatic Classification
40/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test with
tm = 1 sec., Partial Discharge < 5pC
2651
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test with
tm = 60 sec.,Partial Discharge < 5 pC
2121
VIORM
Max Working Insulation Voltage
1,414
Vpeak
VIOTM
Highest Allowable Over Voltage
6000
Vpeak
External Creepage
8
mm
External Clearance
7.4
mm
External Clearance (for Option T or TS - 0.4” Lead Spacing)
10.16
mm
Insulation Thickness
0.5
mm
Safety Limit Values – Maximum Values Allowed in the
Event of a Failure
TCase
Case Temperature
150
°C
IS,INPUT
Input Current
25
mA
PS,OUTPUT
Output Power (Duty Factor
≤ 2.7%)
250
mW
RIO
Insulation Resistance at TS, VIO = 500V
109


Similar Part No. - FOD3182TSV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3182TSV ONSEMI-FOD3182TSV Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
More results

Similar Description - FOD3182TSV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com