Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3182 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FOD3182
Description  3A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3182 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD3182 Datasheet HTML 2Page - Fairchild Semiconductor FOD3182 Datasheet HTML 3Page - Fairchild Semiconductor FOD3182 Datasheet HTML 4Page - Fairchild Semiconductor FOD3182 Datasheet HTML 5Page - Fairchild Semiconductor FOD3182 Datasheet HTML 6Page - Fairchild Semiconductor FOD3182 Datasheet HTML 7Page - Fairchild Semiconductor FOD3182 Datasheet HTML 8Page - Fairchild Semiconductor FOD3182 Datasheet HTML 9Page - Fairchild Semiconductor FOD3182 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3182 Rev. 1.0.9
6
Switching Characteristics
Apply over all recommended conditions, typical value is measured at VDD = 30V, VSS = 0V, TA = 25°C,
unless otherwise specified.
Isolation Characteristics
*Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay Time to High Output Level(7)
IF = 10mA,
Rg = 10Ω,
f = 250kHz,
Duty Cycle = 50%,
Cg = 10nF
50
120
210
ns
tPHL
Propagation Delay Time to Low Output Level(7)
50
145
210
ns
PWD
Pulse Width Distortion(8)
35
65
ns
PDD
(tPHL – tPLH)
Propagation Delay Difference Between Any
Two Parts(9)
-90
90
ns
tr
Rise Time
CL = 10nF,
Rg = 10Ω
38
ns
tf
Fall Time
24
ns
tUVLO ON
UVLO Turn On Delay
2.0
µs
tUVLO OFF
UVLO Turn Off Delay
0.3
µs
| CMH |
Output High Level Common Mode Transient
Immunity(10) (11)
TA = +25°C,
If = 7mA to 16mA,
VCM = 2kV,
VDD = 30V
35
50
kV/µs
| CML |
Output Low Level Common Mode Transient
Immunity(10) (12)
TA = +25°C,
Vf = 0V,
VCM = 2kV,
VDD = 30V
35
50
kV/µs
Symbol Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
VISO
Withstand Isolation Voltage(13) (14) TA = 25°C,
R.H. < 50%, t = 1min.,
II-O ≤ 10µA
5000
Vrms
RI-O
Resistance (input to output)(14)
VI-O = 500V
1011
CI-O
Capacitance (input to output)
Freq. = 1MHz
1
pF


Similar Part No. - FOD3182

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182S ONSEMI-FOD3182S Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182SD ONSEMI-FOD3182SD Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182SDV ONSEMI-FOD3182SDV Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182SV ONSEMI-FOD3182SV Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
More results

Similar Description - FOD3182

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com