Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVQ573 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74LVQ573
Description  Low Voltage Octal Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LVQ573 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ573
Low Voltage Octal Latch with 3-STATE Outputs
General Description
The LVQ573 is a high-speed octal latch with buffered com-
mon Latch Enable (LE) and buffered common Output Enable
(OE) inputs. The LVQ573 is functionally identical to the
LVQ373 but with inputs and outputs on opposite sides of the
package.
Features
n
Ideal for low power/low noise 3.3V applications
n
Implements patented EMI reduction circuitry
n
Available in SOIC JEDEC, SOIC EIAJ, and QSOP
packages
n
Guaranteed simultaneous switching noise level and
dynamic threshold performance
n
Improved latch-up immunity
n
Guaranteed incident wave switching into 75
n
4 kV minimum ESD immunity
Ordering Code:
Order Number
Package Number
Package Description
74LVQ573SC
M20B
20-Lead (0.300" Wide) Molded Small Outline Package, SOIC, JEDEC
74LVQ573SJ
M20D
20-Lead Molded Shrink Small Outline Package, SOIC, EIAJ
74LVQ573QSC
MQA20
20-Lead (0.150" Wide) Molded Shrink Small Outline Package, SSOP, JEDEC
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
Connection Diagram
Pin Descriptions
Pin Names
Description
D
0–D7
Data Inputs
LE
Latch Enable Input
OE
3-STATE Output Enable Input
O
0–O7
3-STATE Latch Outputs
DS011361-1
IEEE/IEC
DS011361-2
Pin Assignment for
SOIC and QSOP
DS011361-3
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011361
www.fairchildsemi.com


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn