Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVQ573 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74LVQ573
Description  Low Voltage Octal Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LVQ573 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
2.7
2.5
10.2
14.8
2.5
16.0
ns
tPLH
Dn to On
3.3 ±0.3
2.5
8.5
10.5
2.5
11.0
tPLH
Propagation Delay
2.7
2.5
10.2
16.9
2.5
18.0
ns
tPHL
LE to On
3.3 ±0.3
2.5
8.5
12.0
2.5
12.5
tPZL
Output Enable Time
2.7
2.5
10.2
18.3
2.5
19.0
ns
tPZH
3.3 ±0.3
2.5
8.5
13.0
2.5
13.5
tPHZ
Output Disable Time
2.7
1.0
10.8
20.4
1.0
21.0
ns
tPLZ
3.3 ±0.3
1.0
9.0
14.5
1.0
15.0
tOSHL
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Dn to On
3.3 ±0.3
1.0
1.5
1.5
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
2.7
0
4.0
4.5
ns
Dn to LE
3.3 ±0.3
0
3.0
3.0
tH
Hold Time, HIGH or LOW
2.7
0
1.5
1.5
ns
Dn to LE
3.3 ±0.3
0
1.5
1.5
tW
LE Pulse Width, HIGH
2.7
2.4
5.0
6.0
ns
3.3 ±0.3
2.0
4.0
4.0
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
37
pF
VCC = 3.3V
Note 10: CPD is measured at 10 MHz.
www.fairchildsemi.com
4


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn