Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMR107C Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NMR107C
Description  Isolated 1W Single Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMR107C Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NMR107C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMR107C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMR107C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMR107C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMR107C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NMR Series
Isolated 1W Single Output DC/DC Converters
KDC_NMR.D02 Page 4 of 5
www.murata-ps.com/support
APPLICATION NOTES (continued)
Output Ripple Reduction
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor
should be such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF (Self Resonant Frequency) should be
>20MHz.
DC
DC
L
C
Load
Power
Source
Inductor
Capacitor
L, μH
SMD
Through Hole
C, μF
NMR100C
10
82103C
11R103C
4.7
NMR101C
47
82473C
11R473C
1
NMR102C
47
82473C
11R473C
1
NMR106C
10
82103C
11R103C
4.7
NMR107C
47
82473C
11R473C
1
NMR108C
47
82473C
11R473C
1
NMR112C
10
82103C
11R103C
4.7
NMR113C
47
82473C
11R473C
1
NMR114C
47
82473C
11R473C
1
NMR118C
10
82103C
11R103C
4.7
NMR119C
47
82473C
11R473C
1
NMR120C
47
82473C
11R473C
1


Similar Part No. - NMR107C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMR107C MURATA-PS-NMR107C Datasheet
255Kb / 10P
   Isolated 1W Single Output DC/DC Converters
NMR107C MURATA-PS-NMR107C Datasheet
245Kb / 12P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - NMR107C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com