Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD822-EP Datasheet(PDF) 4 Page - Analog Devices

Part # AD822-EP
Description  Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822-EP Datasheet(HTML) 4 Page - Analog Devices

  AD822-EP Datasheet HTML 1Page - Analog Devices AD822-EP Datasheet HTML 2Page - Analog Devices AD822-EP Datasheet HTML 3Page - Analog Devices AD822-EP Datasheet HTML 4Page - Analog Devices AD822-EP Datasheet HTML 5Page - Analog Devices AD822-EP Datasheet HTML 6Page - Analog Devices AD822-EP Datasheet HTML 7Page - Analog Devices AD822-EP Datasheet HTML 8Page - Analog Devices AD822-EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD822-EP
Rev. 0 | Page 4 of 20
SPECIFICATIONS
VS = 0 V, 5 V @ TA = 25°C, VCM = 0 V, VOUT = 0.2 V, unless otherwise noted.
Table 1.
T Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DC PERFORMANCE
Initial Offset
0.1
0.8
mV
Maximum Offset Over Temperature
0.5
1.2
mV
Offset Drift
2
μV/°C
Input Bias Current
VCM = 0 V to 4 V
2
25
pA
At TMAX
0.5
6
nA
Input Offset Current
2
20
pA
At TMAX
0.5
nA
Open-Loop Gain
VOUT = 0.2 V to 4 V
RL = 100 kΩ
500
1000
V/mV
TMIN to TMAX
400
V/mV
RL = 10 kΩ
80
150
V/mV
TMIN to TMAX
80
V/mV
RL = 1 kΩ
15
30
V/mV
TMIN to TMAX
10
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
f = 0.1 Hz to 10 Hz
2
μV p-p
f = 10 Hz
25
nV/√Hz
f = 100 Hz
21
nV/√Hz
f = 1 kHz
16
nV/√Hz
f = 10 kHz
13
nV/√Hz
Input Current Noise
f = 0.1 Hz to 10 Hz
18
fA p-p
f = 1 kHz
0.8
fA/√Hz
Harmonic Distortion
RL = 10 kΩ to 2.5 V
f = 10 kHz
VOUT = 0.25 V to 4.75 V
−93
dB
DYNAMIC PERFORMANCE
Unity-Gain Frequency
1.8
MHz
Full Power Response
VOUT p-p = 4.5 V
210
kHz
Slew Rate
3
V/μs
Settling Time
To 0.1%
VOUT = 0.2 V to 4.5 V
1.4
μs
To 0.01%
VOUT = 0.2 V to 4.5 V
1.8
μs
MATCHING CHARACTERISTICS
Initial Offset
1.0
mV
Maximum Offset Over Temperature
1.6
mV
Offset Drift
3
μV/°C
Input Bias Current
20
pA
Crosstalk @ f = 1 kHz
RL = 5 kΩ
−130
dB
Crosstalk @ f = 100 kHz
RL = 5 kΩ
−93
dB


Similar Part No. - AD822-EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD822-00 ETC2-AD822-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

Similar Description - AD822-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com