Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TQ2G63BFR-12C Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # H5TQ2G63BFR-12C
Description  2Gb DDR3 SDRAM
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G63BFR-12C Datasheet(HTML) 2 Page - Hynix Semiconductor

  H5TQ2G63BFR-12C Datasheet HTML 1Page - Hynix Semiconductor H5TQ2G63BFR-12C Datasheet HTML 2Page - Hynix Semiconductor H5TQ2G63BFR-12C Datasheet HTML 3Page - Hynix Semiconductor H5TQ2G63BFR-12C Datasheet HTML 4Page - Hynix Semiconductor H5TQ2G63BFR-12C Datasheet HTML 5Page - Hynix Semiconductor H5TQ2G63BFR-12C Datasheet HTML 6Page - Hynix Semiconductor H5TQ2G63BFR-12C Datasheet HTML 7Page - Hynix Semiconductor H5TQ2G63BFR-12C Datasheet HTML 8Page - Hynix Semiconductor H5TQ2G63BFR-12C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
APCPCWM_4828539:WP_0000002WP_0000002
Rev. 0.5 / Aug. 2010
2
H5TQ2G63BFR
Revision History
Revision No.
History
Page
Draft Date
Remark
0.1
Preliminary Initial Release
Sep. 2009
Preliminary
0.2
Added Mode Register (MR0, MR1, MR2,MR3, MPR)
Oct. 2009
0.3
Added IDD value(All Items) @800/9000Mhz
Changed AC timing(nRCD, nRC, nRAS, nRP) @800Mhz
Changed Speed Bin(CL, CWL & Min/Max timing )
@800/900Mhz, 1.0Ghz
65
56
67 ~69
Nov.2009
0.4
Corrected Typo and wording
Changed Single Ended AC and DC Input Levels table
Updated AC Overshoot/Undershoot Specification for 1GHz
Added timings for 900MHz/1.0GHz(table1)
Changed & Updated Idd Specification table
Changed Speed Bin for 800/900MHz/1.0Ghz
Changed Electrical Characteristics and AC Timing
All
34
42
56
65
67~69
71~77
May. 2010
0.5
Changed Speed Bin for 800/900MHz
67,68
Aug. 2010
*33ed5962-ee6c*
B20337/178.104.2.234/2010-08-26 09:03


Similar Part No. - H5TQ2G63BFR-12C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
More results

Similar Description - H5TQ2G63BFR-12C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-XXC HYNIX-H5TQ2G43CFR-XXC Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G83DFR HYNIX-H5TQ2G83DFR Datasheet
408Kb / 34P
   2Gb DDR3 SDRAM
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com