Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC3842BD1 Datasheet(PDF) 5 Page - STMicroelectronics

Part No. UC3842BD1
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3842BD1 Datasheet(HTML) 5 Page - STMicroelectronics

  UC3842BD1 Datasheet HTML 1Page - STMicroelectronics UC3842BD1 Datasheet HTML 2Page - STMicroelectronics UC3842BD1 Datasheet HTML 3Page - STMicroelectronics UC3842BD1 Datasheet HTML 4Page - STMicroelectronics UC3842BD1 Datasheet HTML 5Page - STMicroelectronics UC3842BD1 Datasheet HTML 6Page - STMicroelectronics UC3842BD1 Datasheet HTML 7Page - STMicroelectronics UC3842BD1 Datasheet HTML 8Page - STMicroelectronics UC3842BD1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Figure 1: Open Loop Test Circuit.
RT
A
2N2222
4.7K
1K
ERROR AMP.
ADJUST
4.7K
5K
ISENSE
ADJUST
100K
COMP
VFB
ISENSE
RT/CT
1
2
3
4
CT
7
6
5
8
VREF
Vi
OUTPUT
GROUND
0.1
µF
0.1
µF
VREF
Vi
OUTPUT
GROUND
1W
1K
D95IN343
High peak currents associated with capacitive loads
necessitate careful grounding techniques. Timing
and bypass capacitors should be connected close
to pin 5 in a single point ground. The transistor and
5 K
Ω potentiometer are used to sample the oscillator
waveform and apply an adjustable ramp to pin 3.
10K
20K
30K
50K
100K
200K 300K
500K
fOSC(KHz)
1
2
5
10
20
50
D95IN333
CT=10nF
CT=5nF
CT=2nF
C
T=1nF
C
T=500pF
C
T=200pF
C
T=100pF
Vi=15V
TA=25˚C
RT
(K
Ω)
0.8
Figure 2: Timing Resistor vs. Oscillator Fre-
quency
10K
20K
30K
50K
100K
200K 300K
500K fOSC(KHz)
1
2
3
5
10
20
30
50
%
CT=10nF
CT=5nF
CT=2nF
CT=1nF
CT=500pF
CT=200pF
CT=100pF
D95IN334
Vi=15V
TA=25˚C
Figure 3: Output Dead-Time vs. Oscillator Fre-
quency
UC2842B
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
5/15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn