Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE350A Datasheet(PDF) 4 Page - STMicroelectronics

Part # P6KE350A
Description  transient voltage surge suppressor (TVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE350A Datasheet(HTML) 4 Page - STMicroelectronics

  P6KE350A Datasheet HTML 1Page - STMicroelectronics P6KE350A Datasheet HTML 2Page - STMicroelectronics P6KE350A Datasheet HTML 3Page - STMicroelectronics P6KE350A Datasheet HTML 4Page - STMicroelectronics P6KE350A Datasheet HTML 5Page - STMicroelectronics P6KE350A Datasheet HTML 6Page - STMicroelectronics P6KE350A Datasheet HTML 7Page - STMicroelectronics P6KE350A Datasheet HTML 8Page - STMicroelectronics P6KE350A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
P6KE
4/9
Doc ID 3068 Rev 7
Figure 3.
Peak power dissipation vs. initial
junction temperature
(printed circuit board)
Figure 4.
Peak pulse power vs. exponential
pulse duration.
0
0
20
40
60
80
100
%
20
40
60
80
100 120 140 160 180 200
ø
Tj initial (°C)
0.001
0.01
0.1
1
10
100
Ppp (W)
Figure 5.
Clamping voltage vs. peak pulse
current(1)
Figure 6.
Capacitance vs. reverse applied
voltage for unidirectional types
(typical values).
1.
The curves in Figure 5 are specified for a junction temperature of 25°C before surge. The given results may be
extrapolated for other junction temperatures by using the following formula :
ΔVBR = αT x [Tamb -25] x VBR(25°C)
For intermediate voltages, extrapolate the given results.
0.1
1
10
100
1000
1
10
100
1000
V(V)
CL
Ipp (A)
t
%Ipp
100
50
0
t r
t< 10
s
r
t
Tj initial = 25øC
P6KE 440A
P6KE 220A
P6KE 68A
P6KE 39A
P6KE 22A
P6KE 12A
P6KE 6V8A
P6KE 100A
p
°
t = 20µs
p
t = 1ms
t = 10ms
p
p
Exponential waveform:
C (pF)
110
100
10
100
1000
10000
V(V)
R
Tj = 25°C
ø
F= 1 MHz
P6KE6V8A
P6KE 15A
P6KE68A
P6KE200A
50
00
Figure 7.
Capacitance vs. reverse applied
voltage for bidirectional types
(typical values).
Figure 8.
Peak forward voltage drop vs. peak
forward current for unidirectional
types (typical value).(1)
1.
Multiply by 2 for units with VBR > 220 V.
50
00
C (pF)
110
100
10
100
1000
10000
V(V)
R
Tj = 25°C
ø
F= 1 MHz
P6KE6V8CA
P6KE 15CA
P6KE68CA
P6KE200CA


Similar Part No. - P6KE350A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
P6KE350A MIC-P6KE350A Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
P6KE350A SEMITECH-P6KE350A Datasheet
503Kb / 4P
   Glass passivated junction
logo
Pan Jit International I...
P6KE350A PANJIT-P6KE350A Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Digitron Semiconductors
P6KE350A DIGITRON-P6KE350A Datasheet
411Kb / 5P
   600 WATT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
P6KE350A YANGJIE-P6KE350A Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE350A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
logo
Infineon Technologies A...
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com