Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F051K4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F051K4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051K4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F051K4 Datasheet HTML 5Page - STMicroelectronics STM32F051K4 Datasheet HTML 6Page - STMicroelectronics STM32F051K4 Datasheet HTML 7Page - STMicroelectronics STM32F051K4 Datasheet HTML 8Page - STMicroelectronics STM32F051K4 Datasheet HTML 9Page - STMicroelectronics STM32F051K4 Datasheet HTML 10Page - STMicroelectronics STM32F051K4 Datasheet HTML 11Page - STMicroelectronics STM32F051K4 Datasheet HTML 12Page - STMicroelectronics STM32F051K4 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
STM32F051x
Description
Doc ID 022265 Rev 3
9/105
2
Description
The STM32F051x family incorporates the high-performance ARM Cortex™-M0 32-bit RISC
core operating at a 48 MHz frequency, high-speed embedded memories (Flash memory up
to 64 Kbytes and SRAM up to 8 Kbytes), and an extensive range of enhanced peripherals
and I/Os. All devices offer standard communication interfaces (up to two I2Cs, two SPIs, one
I2S, one HDMI CEC, and up to two USARTs), one 12-bit ADC, one 12-bit DAC, up to five
general-purpose 16-bit timers, a 32-bit timer and an advanced-control PWM timer.
The STM32F051x family operates in the -40 to +85 °C and -40 to +105 °C temperature
ranges, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving modes
allows the design of low-power applications.
The STM32F051x family includes devices in four different packages ranging from 32 pins to
64 pins. Depending on the device chosen, different sets of peripherals are included. The
description below provides an overview of the complete range of peripherals proposed in
this family.
These features make the STM32F051x microcontroller family suitable for a wide range of
applications such as application control and user interfaces, handheld equipment, A/V
receivers and digital TV, PC peripherals, gaming and GPS platforms, industrial applications,
PLCs, inverters, printers, scanners, alarm systems, video intercoms, and HVACs.


Similar Part No. - STM32F051K4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051K4 STMICROELECTRONICS-STM32F051K4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU
STM32F051K4 STMICROELECTRONICS-STM32F051K4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
STM32F051K4 STMICROELECTRONICS-STM32F051K4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
July 2012 Rev 3
STM32F051K4U6 STMICROELECTRONICS-STM32F051K4U6 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
More results

Similar Description - STM32F051K4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051K6U6 STMICROELECTRONICS-STM32F051K6U6 Datasheet
440Kb / 40P
   Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
STM32F051C6T6 STMICROELECTRONICS-STM32F051C6T6 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
STM32F051R6T6 STMICROELECTRONICS-STM32F051R6T6 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
July 2012 Rev 3
STM32F051K8U6 STMICROELECTRONICS-STM32F051K8U6 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
STM32F051K4U6 STMICROELECTRONICS-STM32F051K4U6 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
STM32F050C6T6A STMICROELECTRONICS-STM32F050C6T6A Datasheet
1Mb / 97P
   Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
STM32F050K6U6 STMICROELECTRONICS-STM32F050K6U6 Datasheet
1Mb / 97P
   Low- and medium-density advanced ARM??based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
November 2012 Rev 1
STM32F050C4T6A STMICROELECTRONICS-STM32F050C4T6A Datasheet
1Mb / 97P
   Low- and medium-density advanced ARM??based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
STM32F058C8 STMICROELECTRONICS-STM32F058C8 Datasheet
1Mb / 104P
   Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com