Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD5N52U Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD5N52U
Description  N-channel 525 V, 1.28 ohm, 4.4 A, DPAK, TO-220FP, I2PAK UltraFASTmesh Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5N52U Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD5N52U Datasheet HTML 4Page - STMicroelectronics STD5N52U Datasheet HTML 5Page - STMicroelectronics STD5N52U Datasheet HTML 6Page - STMicroelectronics STD5N52U Datasheet HTML 7Page - STMicroelectronics STD5N52U Datasheet HTML 8Page - STMicroelectronics STD5N52U Datasheet HTML 9Page - STMicroelectronics STD5N52U Datasheet HTML 10Page - STMicroelectronics STD5N52U Datasheet HTML 11Page - STMicroelectronics STD5N52U Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STD5N52U, STF5N52U, STI5N52U
8/18
Doc ID 15684 Rev 2
Figure 14.
Source-drain diode forward
characteristics
Figure 15.
Maximum avalanche energy vs
temperature


Similar Part No. - STD5N52U

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD5N52U VBSEMI-STD5N52U Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - STD5N52U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF5N52U STMICROELECTRONICS-STF5N52U Datasheet
548Kb / 13P
   N-channel 525 V, 1.25 Ω typ., 4.4 A, UltraFASTmesh™ Power MOSFET in a TO-220FP package
Rev 1 - March 2019
CD00251512 STMICROELECTRONICS-CD00251512 Datasheet
930Kb / 16P
   N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
   N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STF5NK52ZD STMICROELECTRONICS-STF5NK52ZD Datasheet
777Kb / 17P
   N-channel 520 V,1.22 廓,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP Zener-protected SuperMESH??Power MOSFET
September 2008 Rev 5
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
STF12N65M5 STMICROELECTRONICS-STF12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
STB7N52K3 STMICROELECTRONICS-STB7N52K3 Datasheet
380Kb / 15P
   N-channel 525 V, 0.84 廓, 6.3 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com