Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVQ174 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74LVQ174
Description  Low Voltage Hex D-Type Flip-Flop with Master Reset
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ174 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVQ174 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ174 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ174 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ174 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ174 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ174 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ174
Low Voltage Hex D-Type Flip-Flop with Master Reset
General Description
The LVQ174 is a high-speed hex D-type flip-flop. The device
is used primarily as a 6-bit edge-triggered storage register.
The information on the D inputs is transferred to storage dur-
ing the LOW-to-HIGH clock transition. The device has a
Master Reset to simultaneously clear all flip-flops.
Features
n Ideal for low power/low noise 3.3V applications
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Guaranteed pin-to-pin skew AC performance
n Guaranteed incident wave switching into 75
Ordering Code:
Order Number
Package Number
Package Description
74LVQ174SC
M16A
16-Lead (0.150" Wide) Small Outline Integrated Circuit, SOIC JEDEC
74LVQ174SJ
M16D
16-Lead Molded Small Outline Package, SOIC EIAJ
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
Connection Diagram
Pin Descriptions
Pin Names
Description
D
0–D5
Data Inputs
CP
Clock Pulse Input
MR
Master Reset Input
Q
0–Q5
Outputs
DS011353-1
IEEE/IEC
DS011353-2
Pin Assignment for
SOIC JEDEC and EIAJ
DS011353-3
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011353
www.fairchildsemi.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn