Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ125SJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVQ125SJ
Description  Low Voltage Quad Buffer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ125SJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVQ125SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
1.0
7.8
12.7
1.0
14.0
ns
Data to Output
3.3 ±0.3
1.0
6.5
9.0
1.0
10.0
tPHL
Propagation Delay
2.7
1.0
7.8
12.7
1.0
14.0
ns
Data to Output
3.3 ±0.3
1.0
6.5
9.0
1.0
10.0
tPZH
Output Enable Time
2.7
1.0
7.2
14.8
1.0
16.0
ns
3.3 ±0.3
1.0
6.0
10.5
1.0
11.0
tPZL
Output Enable Time
2.7
1.0
9.0
14.0
1.0
16.0
ns
3.3 ±0.3
1.0
7.5
10.0
1.0
11.0
tPHZ
Output Disable Time
2.7
1.0
9.0
14.0
1.0
15.0
ns
3.3 ±0.3
1.0
7.5
10.0
1.0
10.5
tPLZ
Output Disable Time
2.7
1.0
9.0
14.8
1.0
16.5
ns
3.3 ±0.3
1.0
7.5
10.5
1.0
11.5
tOSHL,
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Data to Output
3.3 ±0.3
1.0
1.5
1.5
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
34
pF
VCC = 3.3V
Note 10: CPD is measured at 10 MHz.
3
www.fairchildsemi.com


Similar Part No. - 74LVQ125SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ125SJ FAIRCHILD-74LVQ125SJ Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74LVQ125SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com