Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555Y Datasheet(PDF) 4 Page - Texas Instruments

Part # NE555Y
Description  Precision timing circuits capable of producing accurate time delays or oscillation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE555Y Datasheet(HTML) 4 Page - Texas Instruments

  NE555Y Datasheet HTML 1Page - Texas Instruments NE555Y Datasheet HTML 2Page - Texas Instruments NE555Y Datasheet HTML 3Page - Texas Instruments NE555Y Datasheet HTML 4Page - Texas Instruments NE555Y Datasheet HTML 5Page - Texas Instruments NE555Y Datasheet HTML 6Page - Texas Instruments NE555Y Datasheet HTML 7Page - Texas Instruments NE555Y Datasheet HTML 8Page - Texas Instruments NE555Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
NA555, NE555, SA555, SE555
SLFS022H – SEPTEMBER 1973 – REVISED JUNE 2010
www.ti.com
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
18
V
VI
Input voltage
CONT, RESET, THRES, TRIG
VCC
V
IO
Output current
±225
mA
D package
97
P package
85
qJA
Package thermal impedance(3) (4)
°C/W
PS package
95
PW package
149
FK package
5.61
qJC
Package thermal impedance(5) (6)
°C/W
JG package
14.5
TJ
Operating virtual junction temperature
150
°C
Case temperature for 60 s
FK package
260
°C
Lead temperature 1, 6 mm (1/16 in) from case for 60 s
JG package
300
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) - TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
Maximum power dissipation is a function of TJ(max), qJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) - TC)/qJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with MIL-STD-883.
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
NA555, NE555, SA555
4.5
16
VCC
Supply voltage
V
SE555
4.5
18
VI
Input voltage
CONT, RESET, THRES, and TRIG
VCC
V
IO
Output current
±200
mA
NA555
–40
105
NE555
0
70
TA
Operating free-air temperature
°C
SA555
–40
85
SE555
–55
125
4
Submit Documentation Feedback
Copyright © 1973–2010, Texas Instruments Incorporated
Product Folder Link(s): NA555 NE555 SA555 SE555


Similar Part No. - NE555Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE555Y TI-NE555Y Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NE555Y TI-NE555Y Datasheet
227Kb / 15P
[Old version datasheet]   PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
NE555Y TI-NE555Y Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NE555Y TI-NE555Y Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
NE555Y TI1-NE555Y Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
More results

Similar Description - NE555Y

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
NE555 ESTEK-NE555 Datasheet
135Kb / 3P
   monolithic timing circuits capable of producing accurate time delays
logo
Intersil Corporation
ICM7556 INTERSIL-ICM7556 Datasheet
218Kb / 11P
   Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
logo
Linear Dimensions Semic...
LND555 LINEAR_DIMENSIONS-LND555 Datasheet
130Kb / 4P
   PRECISION TIMING CIRCUIT
logo
Toshiba Semiconductor
TLOH157P TOSHIBA-TLOH157P Datasheet
384Kb / 7P
   Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity
logo
Motorola, Inc
MC1455P1 MOTOROLA-MC1455P1 Datasheet
52Kb / 4P
   Timing Circuits
logo
Analog Intergrations Co...
AN025 AIC-AN025 Datasheet
272Kb / 6P
   Analysis of LDO oscillation issues
logo
Intersil Corporation
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564A RENESAS-ISL6564A Datasheet
1Mb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com