Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555PWRE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # NE555PWRE4
Description  Precision timing circuits capable of producing accurate time delays or oscillation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE555PWRE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button NE555PWRE4 Datasheet HTML 6Page - Texas Instruments NE555PWRE4 Datasheet HTML 7Page - Texas Instruments NE555PWRE4 Datasheet HTML 8Page - Texas Instruments NE555PWRE4 Datasheet HTML 9Page - Texas Instruments NE555PWRE4 Datasheet HTML 10Page - Texas Instruments NE555PWRE4 Datasheet HTML 11Page - Texas Instruments NE555PWRE4 Datasheet HTML 12Page - Texas Instruments NE555PWRE4 Datasheet HTML 13Page - Texas Instruments NE555PWRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
C − Capacitance −
µF
10
1
10−1
10−2
10−3
10−4
100
10
1
0.1
0.01
10−5
0.001
RA = 10 MΩ
RA = 10 kΩ
RA = 1 kΩ
RA = 100 kΩ
RA = 1 MΩ
Time − 0.1 ms/div
Capacitor Voltage
Output Voltage
Input Voltage
RA = 9.1 kΩ
CL = 0.01 µF
RL = 1 kΩ
See Figure 9
Time − 0.5 ms/div
t
H
Capacitor Voltage
Output Voltage
tL
RA = 5 kW
RL = 1 kW
RB = 3 kW
See Figure 12
C = 0.15
µF
GND
OUT
VCC
CONT
RESET
DISCH
THRES
TRIG
C
RB
RA
Output
RL
0.01
µF
VCC
(5 V to 15 V)
(see Note A)
NOTE A: Decoupling CONT voltage to ground with a capacitor can
improve operation. This should be evaluated for individual
applications.
Open
5
8
4
7
6
2
3
1
Pin numbers shown are for the D, JG, P, PS, and PW packages.
NA555, NE555, SA555, SE555
SLFS022H – SEPTEMBER 1973 – REVISED JUNE 2010
www.ti.com
Figure 10. Typical Monostable Waveforms
Figure 11. Output Pulse Duration vs Capacitance
Astable Operation
As shown in Figure 12, adding a second resistor, RB, to the circuit of Figure 9 and connecting the trigger input to
the threshold input causes the timer to self-trigger and run as a multivibrator. The capacitor C charges through
RA and RB and then discharges through RB only. Therefore, the duty cycle is controlled by the values of RA and
RB.
This astable connection results in capacitor C charging and discharging between the threshold-voltage level
(
≉0.67 × VCC) and the trigger-voltage level (≉0.33 × VCC). As in the monostable circuit, charge and discharge
times (and, therefore, the frequency and duty cycle) are independent of the supply voltage.
Figure 12. Circuit for Astable Operation
Figure 13. Typical Astable Waveforms
10
Submit Documentation Feedback
Copyright © 1973–2010, Texas Instruments Incorporated
Product Folder Link(s): NA555 NE555 SA555 SE555


Similar Part No. - NE555PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE555PWRE4 TI-NE555PWRE4 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NE555PWRE4 TI-NE555PWRE4 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NE555PWRE4 TI-NE555PWRE4 Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
NE555PWRE4 TI1-NE555PWRE4 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
NE555PWRE4 TI1-NE555PWRE4 Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
More results

Similar Description - NE555PWRE4

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
NE555 ESTEK-NE555 Datasheet
135Kb / 3P
   monolithic timing circuits capable of producing accurate time delays
logo
Intersil Corporation
ICM7556 INTERSIL-ICM7556 Datasheet
218Kb / 11P
   Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
logo
Linear Dimensions Semic...
LND555 LINEAR_DIMENSIONS-LND555 Datasheet
130Kb / 4P
   PRECISION TIMING CIRCUIT
logo
Toshiba Semiconductor
TLOH157P TOSHIBA-TLOH157P Datasheet
384Kb / 7P
   Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity
logo
Motorola, Inc
MC1455P1 MOTOROLA-MC1455P1 Datasheet
52Kb / 4P
   Timing Circuits
logo
Analog Intergrations Co...
AN025 AIC-AN025 Datasheet
272Kb / 6P
   Analysis of LDO oscillation issues
logo
Intersil Corporation
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564A RENESAS-ISL6564A Datasheet
1Mb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com