Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555PWRE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # NE555PWRE4
Description  Precision timing circuits capable of producing accurate time delays or oscillation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE555PWRE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button NE555PWRE4 Datasheet HTML 5Page - Texas Instruments NE555PWRE4 Datasheet HTML 6Page - Texas Instruments NE555PWRE4 Datasheet HTML 7Page - Texas Instruments NE555PWRE4 Datasheet HTML 8Page - Texas Instruments NE555PWRE4 Datasheet HTML 9Page - Texas Instruments NE555PWRE4 Datasheet HTML 10Page - Texas Instruments NE555PWRE4 Datasheet HTML 11Page - Texas Instruments NE555PWRE4 Datasheet HTML 12Page - Texas Instruments NE555PWRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
VCC
(5 V to 15 V)
RA
RL
Output
GND
OUT
VCC
CONT
RESET
DISCH
THRES
TRIG
Input
5
8
4
7
6
2
3
1
Pin numbers shown are for the D, JG, P, PS, and PW packages.
NA555, NE555, SA555, SE555
www.ti.com
SLFS022H – SEPTEMBER 1973 – REVISED JUNE 2010
APPLICATION INFORMATION
Monostable Operation
For monostable operation, any of these timers can be connected as shown in Figure 9. If the output is low,
application of a negative-going pulse to the trigger (TRIG) sets the flip-flop (Q goes low), drives the output high,
and turns off Q1. Capacitor C then is charged through RA until the voltage across the capacitor reaches the
threshold voltage of the threshold (THRES) input. If TRIG has returned to a high level, the output of the threshold
comparator resets the flip-flop (Q goes high), drives the output low, and discharges C through Q1.
Figure 9. Circuit for Monostable Operation
Monostable operation is initiated when TRIG voltage falls below the trigger threshold. Once initiated, the
sequence ends only if TRIG is high for at least 10 µs before the end of the timing interval. When the trigger is
grounded, the comparator storage time can be as long as 10 µs, which limits the minimum monostable pulse
width to 10 µs. Because of the threshold level and saturation voltage of Q1, the output pulse duration is
approximately tw = 1.1RAC. Figure 11 is a plot of the time constant for various values of RA and C. The threshold
levels and charge rates both are directly proportional to the supply voltage, VCC. The timing interval is, therefore,
independent of the supply voltage, so long as the supply voltage is constant during the time interval.
Applying a negative-going trigger pulse simultaneously to RESET and TRIG during the timing interval discharges
C and reinitiates the cycle, commencing on the positive edge of the reset pulse. The output is held low as long
as the reset pulse is low. To prevent false triggering, when RESET is not used, it should be connected to VCC.
Copyright © 1973–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): NA555 NE555 SA555 SE555


Similar Part No. - NE555PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE555PWRE4 TI-NE555PWRE4 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NE555PWRE4 TI-NE555PWRE4 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NE555PWRE4 TI-NE555PWRE4 Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
NE555PWRE4 TI1-NE555PWRE4 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
NE555PWRE4 TI1-NE555PWRE4 Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
More results

Similar Description - NE555PWRE4

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
NE555 ESTEK-NE555 Datasheet
135Kb / 3P
   monolithic timing circuits capable of producing accurate time delays
logo
Intersil Corporation
ICM7556 INTERSIL-ICM7556 Datasheet
218Kb / 11P
   Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
logo
Linear Dimensions Semic...
LND555 LINEAR_DIMENSIONS-LND555 Datasheet
130Kb / 4P
   PRECISION TIMING CIRCUIT
logo
Toshiba Semiconductor
TLOH157P TOSHIBA-TLOH157P Datasheet
384Kb / 7P
   Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity
logo
Motorola, Inc
MC1455P1 MOTOROLA-MC1455P1 Datasheet
52Kb / 4P
   Timing Circuits
logo
Analog Intergrations Co...
AN025 AIC-AN025 Datasheet
272Kb / 6P
   Analysis of LDO oscillation issues
logo
Intersil Corporation
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564A RENESAS-ISL6564A Datasheet
1Mb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com