Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCXZ16244 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74LCXZ16244
Description  Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LCXZ16244 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating Conditions (Note 5)
Note 3: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 4: IO Absolute Maximum Rating must be observed.
Note 5: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 6: Outputs disabled or 3-STATE only.
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5 to +7.0
V
VO
DC Output Voltage
−0.5 to +7.0
Output in 3-STATE or VCC = 0–1.5V
V
−0.5 to VCC + 0.5
Output in HIGH or LOW State (Note 4)
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature
−65 to +150
°C
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.7
3.6
V
VI
Input Voltage
05.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE or VCC = OFF
0
5.5
IOH/IOL
Output Current
VCC = 3.0V − 3.6V
±24
mA
VCC = 2.7V − 3.0V
±12
TA
Free-Air Operating Temperature
−40
85
°C
∆t/∆V
Input Edge Rate, VIN = 0.8V–2.0V, VCC = 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.7
− 3.6
2.0
V
VIL
LOW Level Input Voltage
2.7
− 3.6
0.8
V
VOH
HIGH Level Output Voltage
IOH = −100 µA2.7 − 3.6
VCC − 0.2
V
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
IOH = −24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100 µA2.7 − 3.6
0.2
V
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
0
≤ VI ≤ 5.5V
2.7
− 3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ VO ≤ 5.5V
2.7
− 3.6
±5.0
µA
VI = VIH or VIL
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
IPU/PD
Power Up/Down
VO = 0.5V to VCC
0
− 1.5
±5.0
µA
3-STATE Output Current
VI = GND or VCC
ICC
Quiescent Supply Current
VI = VCC or GND
2.7
− 3.6
225
µA
3.6V
≤ VI, VO ≤ 5.5V (Note 6)
2.7
− 3.6
±225
∆ICC
Increase in ICC per Input
VIH = VCC −0.6V
2.7
− 3.6
500
µA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn