Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCXR162245MTX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74LCXR162245MTX
Description  Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXR162245MTX Datasheet(HTML) 8 Page - Fairchild Semiconductor

  74LCXR162245MTX Datasheet HTML 1Page - Fairchild Semiconductor 74LCXR162245MTX Datasheet HTML 2Page - Fairchild Semiconductor 74LCXR162245MTX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXR162245MTX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXR162245MTX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXR162245MTX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXR162245MTX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXR162245MTX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74LCXR162245MTX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCXR162245MTX ONSEMI-74LCXR162245MTX Datasheet
202Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
More results

Similar Description - 74LCXR162245MTX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXP16245 FAIRCHILD-74LCXP16245 Datasheet
72Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXP16245 FAIRCHILD-74LCXP16245_05 Datasheet
97Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com