Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCXR162245MEX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LCXR162245MEX
Description  Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXR162245MEX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LCXR162245MEX Datasheet HTML 1Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 2Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Tables
Note 2: A and B port inputs are still active
Logic Diagram
Inputs
Outputs
OE1
T/R1
L
L
Bus B0–B7 Data to Bus A0–A7
L
H
Bus A0–A7 Data to Bus B0–B7
H
X
HIGH Z State on A0–A7, B0–B7 (Note 2)
Inputs
Outputs
OE2
T/R2
L
L
Bus B8–B15 Data to Bus A8–A15
L
H
Bus A8–A15 Data to Bus B8–B15
H
X
HIGH Z State on A8–A15, B8–B15 (Note 2)


Similar Part No. - 74LCXR162245MEX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCXR162245MEX ONSEMI-74LCXR162245MEX Datasheet
202Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
More results

Similar Description - 74LCXR162245MEX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXP16245 FAIRCHILD-74LCXP16245 Datasheet
72Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXP16245 FAIRCHILD-74LCXP16245_05 Datasheet
97Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com