Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMB-2450HTT-E1 Datasheet(PDF) 1 Page - AAEON Technology

Part # AMB-2450HTT-E1
Description  15??XGA (1024 x 768) Color TFT LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AMB-2450HTT-E1 Datasheet(HTML) 1 Page - AAEON Technology

  AMB-2450HTT-E1 Datasheet HTML 1Page - AAEON Technology AMB-2450HTT-E1 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
59 data-entry keys
Lockable front-panel
door
Finger mouse
Function keys
Digital brightness
controller
PS/2 keyboard connector
08
Note: All specifications are subject to change without notice.
Features
Specifications
08-3
15”XGA(1024x768)ColorTFTLCD
AluminumAlloyFrontPanelandHeavy-dutySteel
Chassis
DiskDriveBayforSlimCD-ROM,FloppyDiskDrive
and3.5”HardDiskDrive
AnalogVGAInterface
SupportsIntel®Pentium®IIIorPentium®4Processor
Full-sizeCPUCards
PCIx4,PICMGx2,ISABusPassiveBackplanex4
FrontPanelwithIP-44Certification
Industrial Workstation with 15” TFT LCD and 10 Expansion Slots
System
Storage Disk Drive
(Optional)
Anti-vibration 3.5” IDE Hard Disk Drive, 3.5” Floppy Disk Drive,
Slim CD-ROM
Membrane Keypads
One with 59 data-keys, one with 12 function keys and 12
programmable function keys
Keyboard/Mouse
Connector
PS/2 connector on front panel
Expansion Slot
PCI x 4 or ISA x 4 and PICMG x 2
Power Supply
Universal 300W with Power Factor Correcting switching power
supply
OS Support
MS DOS, Windows® 2000, Windows® XP
Mechanical
Construction
Aluminum alloy front panel and heavy-duty steel chassis
Front Panel Color
RAL-7305
Dimension
19” (W) x 14” (H) x 8.8” (D) (483mm x 355mm x 225mm)
Carton Dimension
24.4” (W) x 15.1” (H) x 20.2” (D) (620mm x 385mm x 513mm)
Gross Weight
57.3 lb (26 Kg)
Environmental
Operating Temperature
32ºF ~ 122ºF (0ºC ~ 50ºC)
Storage Temperature
-4ºF ~ 140ºF (-20ºC ~ 60ºC )
Operating Humidity
5 to 90%, non-condensing
Vibration
1G / 5 ~ 500Hz (Random) / operation
Shock
15G peak acceleration (11 msec. duration) / operation
EMC
CE/FCC Class A
TF-SBC-780 CPU Card
Companion
CPU
Supports Socket 370-based Intel® Pentium® III and Celeron®
up to 1.4GHz (FSB 66/100/133MHz); VIA C3 processor
Memory
168-pin SDRAM DIMM x 2, Max. 2GB (PC 66/100/133)
LCD/CRT Controller
VIA VT8606 onboard VGA controller, shared memory up to 32MB.
CRT & LCD simultaneous display support
Ethernet
Realtek 8139DL 10/100 Base-TX RJ-45 connector x 2
I/O Port
2 serial ports: RS-232 x 1, RS-232/422/485 x 1
Parallel port x 1(supports ECP/EPP)
PS/2 keyboard and mouse interface x 1
TF-FSB-860B CPU Card
Companion
CPU
Supports Socket 478-based Intel® Pentium® 4/ Celeron®
processor up to 3.06GHz (FSB 400/533MHz)
Memory
Supports up to 2GB SDRAM (184-pin 2.5V DDR SDRAM DIMM x 2)
LCD/CRT Controller
Intel® 845GV onboard VGA controller, shared memory up to
32MB DVMT. Supports CRT & LCD simultaneous display
Ethernet
10/100 Mb or 10/100/1000 Mb LAN Optional, RJ-45 x 2, Intel® 82562ET.
Intel® 82551 QM/ 82541GI Controller
I/O Port
2 serial ports: RS-232 x 1, RS-232/422/485 x 1)
Parallel port x 1 (supports ECP/EPP)
PS/2 keyboard and mouse interface x 1
Analog VGA Interface
AC power Input
10-slot backplane
(4 x PCI, 4 x ISA, 2 x PICMG)
AWK-4501 (AMB-2450-D)


Similar Part No. - AMB-2450HTT-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMB-2.5 ETC-AMB-2.5 Datasheet
98Kb / 1P
   Micro EM Brake
AMB-20 ETC-AMB-20 Datasheet
98Kb / 1P
   Micro EM Brake
logo
AAEON Technology
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
   12.1" TFT SVGA (800 x 600) LCD
AMB-2023HT-E5 AAEON-AMB-2023HT-E5 Datasheet
782Kb / 2P
   12.1" TFT SVGA (800 x 600) LCD
AMB-2023HT-E6 AAEON-AMB-2023HT-E6 Datasheet
782Kb / 2P
   12.1" TFT SVGA (800 x 600) LCD
More results

Similar Description - AMB-2450HTT-E1

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AWK-3501 AAEON-AWK-3501 Datasheet
704Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
logo
Axiomtek Co., Ltd.
GOT3156T-832 AXIOMTEK-GOT3156T-832_17 Datasheet
420Kb / 2P
   15 XGA (1024 x 768) color TFT LCD display
logo
AAEON Technology
APC-8152 AAEON-APC-8152 Datasheet
269Kb / 2P
   15??TFT XGA (1024 x 768) LCD
AOP-8150WT AAEON-AOP-8150WT Datasheet
340Kb / 2P
   15" TFT XGA (1024 x 768) LCD
AOP-8150HT AAEON-AOP-8150HT Datasheet
558Kb / 2P
   15??TFT XGA (1024 x 768) LCD
AGD-315R AAEON-AGD-315R Datasheet
294Kb / 2P
   15??XGA (1024 x 768) TFT LCD Display
AGD-312R AAEON-AGD-312R Datasheet
321Kb / 2P
   12.1??XGA (1024 x 768 ) TFT LCD Display
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com