Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28022FRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28022FRZ
Description  Precision Digital Power Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022FRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28022FRZ Datasheet HTML 1Page - Intersil Corporation ISL28022FRZ Datasheet HTML 2Page - Intersil Corporation ISL28022FRZ Datasheet HTML 3Page - Intersil Corporation ISL28022FRZ Datasheet HTML 4Page - Intersil Corporation ISL28022FRZ Datasheet HTML 5Page - Intersil Corporation ISL28022FRZ Datasheet HTML 6Page - Intersil Corporation ISL28022FRZ Datasheet HTML 7Page - Intersil Corporation ISL28022FRZ Datasheet HTML 8Page - Intersil Corporation ISL28022FRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ISL28022
4
FN8386.1
April 26, 2013
Pin Descriptions
MSOP
PIN
NUMBER
QFN PIN
NUMBER
PIN
NAME
DESCRIPTION
11
A1
I2C address, bit 1
22
A0
I2C address, bit 0
3
3
EXT_CLK/INT
External ADC clock input or CPU interrupt output signal. When the pin is configured as an interrupt, the
output is an open drain.
44
SMBDAT/SDA
I2C serial data input/output
55
SMBCLK/SCL
I2C clock input
6
9
VCC
Positive power pin. The positive power supply to the part.
7
10
GND
Negative power pin. Can be connected to ground or a negative voltage.
8
11
VBUS
VBUS power voltage sense.
9
12
VINM
Current sense minus input.
10
13
VINP
Current sense plus input.
6
NC
No connect. No internal connection.
7
NC
No connect. No internal connection.
8
NC
No connect. No internal connection.
14
NC
No connect. No internal connection.
15
NC
No connect. No internal connection.
16
NC
No connect. No internal connection.
Epad
GND
Negative power pin. Can be connected to ground or a negative voltage
Ordering Information
PART NUMBER
(Note 4)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
Coming Soon
ISL28022FUZ (Note 1)
8022F
10 Ld MSOP
M10.118
Coming Soon
ISL28022FRZ (Note 1)
022F
16 Ld QFN
L16.3x3B
ISL28022FRZR5453
022F
16 Ld QFN
L16.3x3B
ISL28022FRZ-TR5453 (Note 2)
022F
16 Ld QFN
L16.3x3B
ISL28022FRZ-T7AR5453 (Note 2)
022F
16 Ld QFN
L16.3x3B
ISL28022FUZR5453
8022F
10 Ld MSOP
M10.118
ISL28022FUZ-TR5453 (Note 2)
8022F
10 Ld MSOP
M10.118
ISL28022FUZ-T7AR5453 (Note 2)
8022F
10 Ld MSOP
M10.118
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL28022. For more information on MSL please see tech brief TB363.


Similar Part No. - ISL28022FRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28022FRZ INTERSIL-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022FRZ RENESAS-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results

Similar Description - ISL28022FRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com