Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILCX08-HH1318-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ILCX08-HH1318-20.000
Description  4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ILCX08-HH1318-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  ILCX08-HH1318-20.000 Datasheet HTML 1Page - ILSI America LLC ILCX08-HH1318-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX08 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
06/09_A
Specifications subject to change without notice
Page 1
Dimension Units: mm
6.0
+/-0.2
3.5
+/-0.2
1.1 Max.
3
2
4
4
1
1
3
2
Recommended pad layout
2.40
3
4
4.4
2
1
1.4
2.0
Connection Diagram
3
4
2
1
Product Features:
Applications:
Low Cost SMD Package
Fibre Channel
Low Profile Package
Server & Storage
Compatible with Leadfree Processing
Sonet /SDH
802.11 / Wifi
T1/E1, T3/E3
System Clock
* Not available at all frequencies. ** Not available for all temperature ranges.
Frequency
8 MHz to 100 MHz
ESR (Equivalent Series
Resistance)
8 MHz – 48 MHz
36 MHz – 100.0 MHz (3
rd O.T.)
60 Max.
60 Max.
Shunt Capacitance (C0)
7 pF Max.
Frequency Tolerance @ 25
° C
±30 ppm Standard (see Part Number Guide for more options)
Frequency Stability over
Temperature
±50 ppm Standard (see Part Number Guide for more options)
Crystal Cut
AT Cut
Load Capacitance
18 pF Standard (see Part Number Guide for more options)
Drive Level
500 uW Max.
Aging
±5 ppm Max. / Year Standard
Temperature
Operating
0
° C to +70° C Standard (see Part Number Guide for more
options)
Storage
-40
° C to +85° C Standard
Part Number Guide
Sample Part Number:
ILCX08 - FB1F18 - 20.000
Package
Tolerance
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load Capacitance
(pF)
Frequency
ILCX08 -
B = ±50 ppm
B = ±50 ppm
0 = 0°C to +50°C
F = Fundamental
18 pF Standard.
Or Specify
- 20.000 MHz
F = ±30 ppm
F = ±30 ppm
1 = 0°C to +70°C
3 = 3
rd overtone
G = ±25 ppm
G = ±25 ppm
2 = -10°C to +60°C
H = ±20 ppm
H = ±20 ppm
3 = -20°C to +70°C
I = ±15 ppm
I = ±15 ppm**
5 = -40°C to +85°C
J = ±10 ppm*
J = ±10 ppm**
9 = -10°C to +50°C


Similar Part No. - ILCX08-HH1318-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX03-BB0318-20.000 ILSI-ILCX03-BB0318-20.000 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX03-BB0F18-20.000 ILSI-ILCX03-BB0F18-20.000 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX03-BB1318-20.000 ILSI-ILCX03-BB1318-20.000 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX03-BB1F18-20.000 ILSI-ILCX03-BB1F18-20.000 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
More results

Similar Description - ILCX08-HH1318-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX07 ILSI-ILCX07 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX19 ILSI-ILCX19 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
ILCX20 ILSI-ILCX20 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
IL3M ILSI-IL3M Datasheet
45Kb / 2P
   4 Pad Plastic Package Quartz Crystal, 3.8 mm x 8 mm
IL3S ILSI-IL3S Datasheet
53Kb / 2P
   4 Pad Plastic Package Quartz Crystal, 4.6 mm x 12.5 mm
HC49USM4 ILSI-HC49USM4 Datasheet
50Kb / 2P
   4 Pad Metal Package Quartz Crystal, 4.8 mm x 12.5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com