Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APC-9172 Datasheet(PDF) 1 Page - AAEON Technology

Part # APC-9172
Description  17??TFT SXGA (1280 x 1024) LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

APC-9172 Datasheet(HTML) 1 Page - AAEON Technology

  APC-9172 Datasheet HTML 1Page - AAEON Technology APC-9172 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
09
09-1
Features
Specifications
PS/2 Keyboard & Mouse
Free Expansion Slot x 2 (2 PCI)
Parallel
CRT D-Sub
USB2.0 x 4
COM
10/100Base-TX Ethernet x 2
Speaker-out / Line-in / Mic-in
Power
Fan
Power Switch
Reset Button
Status LED and LCD
On/Off Button
Anti-scratch Front Bezel
USB2.0 Port with
Waterproof Cover
Easy Stand

17” TFT SXGA (1280 x 1024) LCD

Socket 478-Based Intel® Core™ 2 Duo Processor

Anti-Vibration Disk Drive Bay For Hard Disk Drive

IP-65 Certified Anti-Scratch & Waterproof Aluminum Front
Panel With USB Port

Resistive TouchScreen (Optional)

Two PCI Or One PCI And PCI-Express [x1] (Optional)
System
Processor (Optional)
Socket 478-based Intel® Core™ 2 Duo processor (up to 2.0 GHz)
Memory (Optional)
DDR2 SODIMM Socket x 1, total up to 2 GB
LCD/CRT Controller
Intel® 945GME
Ethernet
Intel® 82573L Gigabit Ethernet, RJ-45 x 2
I/O Port
4 serial ports: RS-232 x 3, RS-232/422/485 x 1
Parallel x 1 (supports ECP/EPP)
PS/2 mouse x 1
PS/2 keyboard x 1
VGA x 1
USB2.0 x 4 (on rear chassis)
USB2.0 x 1 (on front panel) (protectable by BIOS)
MIC-in, Line-in, Speaker-out, S/P DIF-out
Storage Disk Drive
Anti-vibration 2.5” SATA Hard Disk Drive (Optional),
Slim CD-ROM (Optional)
Card reader: Supports CompactFlash™ 1/2, Secure Digital,
8-in-1 Card Reader
Expansion Slot
PCI x 2/1 & PCI-Express x 1 (optional) / Mini-PCI
OS Support
Windows® 2000, Windows® XP Embedded, Windows® XP Pro for
Embedded, Windows® 7
Mechanical
Construction
Heavy-duty steel chassis
IP-65 certified anti-scratch aluminum front panel
(or optional stainless steel front panel)
Front Panel Color
PMS 2965C (Dark Blue)
Mounting
Panel mount, Rackmount
Dimension
19” (W) x 15.7” (H) x 5.7” (D)
(483mm x 399mm x 145mm)
Carton Dimension
24.4” (W) x 20.6” (H) x 13.8” (D)
(620mm x 522mm x 351mm)
Gross Weight
33.1 lb (15.0 Kg)
Net Weight
28.16 lb (12.8 Kg)
Environmental
Operating Temperature
32°F ~ 122°F(0°C ~ 50°C)
Storage Temperature
-4°F ~ 140°F(-20°C ~ 60°C)
Storage Humidity
10% to 90%@ 35°C, non-condensing
Vibration
1 g rms/ 5~500Hz/ Random Operation
Shock
10 G peak acceleration (11 msec. Duration)
EMC
CE/FCC Class A
Power Supply
AC input 250W
Input : 100V AC ~ 240V AC±10%@ 47 ~ 63Hz
17” Intel® Core™ 2 Duo Processor Robust Panel PC With 2 PCI Expansion Slots
APC-9172


Similar Part No. - APC-9172

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
APC-10FT-NMNM MINI-APC-10FT-NMNM Datasheet
341Kb / 1P
   Armored Test Cable
APC-10FT-NMNM++ MINI-APC-10FT-NMNM+ Datasheet
341Kb / 1P
   Armored Test Cable
logo
Mean Well Enterprises C...
APC-12 MEANWELL-APC-12 Datasheet
182Kb / 2P
   12W Single Output Switching Power Supply
APC-12-350 MEANWELL-APC-12-350 Datasheet
182Kb / 2P
   12W Single Output Switching Power Supply
APC-12-350 MEANWELL-APC-12-350 Datasheet
804Kb / 3P
   12W Single Output Switching Power Supply
More results

Similar Description - APC-9172

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
APC-8172 AAEON-APC-8172 Datasheet
345Kb / 2P
   17??TFT SXGA (1280 x 1024) LCD
logo
List of Unclassifed Man...
RGPC-D5217 ETC2-RGPC-D5217 Datasheet
171Kb / 2P
   17" SXGA TFT LCD Panel support 1280 횞 1024pixels
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
   17??SXGA TFT LCD
logo
AAEON Technology
OPD-217A AAEON-OPD-217A Datasheet
244Kb / 2P
   17??TFT SXGA LCD
logo
Axiomtek Co., Ltd.
P1177S-881 AXIOMTEK-P1177S-881 Datasheet
421Kb / 2P
   17 SXGA TFT LCD display
logo
List of Unclassifed Man...
KAC-1310 ETC1-KAC-1310 Datasheet
733Kb / 76P
   1280 (H) x 1024 (V) SXGA CMOS Image Sensor
logo
Axiomtek Co., Ltd.
P6171 AXIOMTEK-P6171_17 Datasheet
285Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
P6173 AXIOMTEK-P6173_16 Datasheet
355Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
P6173 AXIOMTEK-P6173_17 Datasheet
355Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
logo
LG Semicon Co.,Ltd.
LM170E01 LG-LM170E01 Datasheet
614Kb / 28P
   17.0 SXGA TFT LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com