Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILCX13-FGDF18-20.000 Datasheet(PDF) 2 Page - ILSI America LLC

Part # ILCX13-FGDF18-20.000
Description  4 Pad Ceramic Package, 2.5 mm x 3.2 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ILCX13-FGDF18-20.000 Datasheet(HTML) 2 Page - ILSI America LLC

  ILCX13-FGDF18-20.000 Datasheet HTML 1Page - ILSI America LLC ILCX13-FGDF18-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4 Pad Ceramic Package, 2.5 mm x 3.2 mm
ILCX13 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
12/20/12_E
Specifications subject to change without notice
Page 2
Pb Free Solder Reflow Profile:
Typical Circuit:
*Units are backward compatible with 240C reflow processes
Package Information:
MSL = 1
Termination = e4 (Au over Ni over W base metal).
Tape and Reel Information:
Environmental Specifications
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Marking
Line 1: I-Date Code (YWW)
Line 2: Frequency
Quantity per
Reel
1000
A
8.0+/-.2
B
4.0 +/-.2
C
3.5 +/-.2
D
16.5 +/-2
E
50 / 60 / 80
F
180


Similar Part No. - ILCX13-FGDF18-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX10-BB0318-20.000 ILSI-ILCX10-BB0318-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX10-BB0F18-20.000 ILSI-ILCX10-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX10-BB1318-20.000 ILSI-ILCX10-BB1318-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX10-BB1F18-20.000 ILSI-ILCX10-BB1F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
More results

Similar Description - ILCX13-FGDF18-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX18 ILSI-ILCX18 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 2 mm x 2.5 mm
logo
Jauch Quartz Gmbh
JXS32P4 JAUCH-JXS32P4 Datasheet
146Kb / 2P
   4 Pad Version 3.2 x 2.5 mm
logo
ILSI America LLC
IL3X ILSI-IL3X Datasheet
45Kb / 2P
   2 Pad Ceramic Package, 1.5 mm x 3.2 mm
ILCX07 ILSI-ILCX07 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
I547 ILSI-I547 Datasheet
47Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD TCXO
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
I537 ILSI-I537 Datasheet
47Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD TCXO
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX05 ILSI-ILCX05 Datasheet
53Kb / 2P
   4 Pad Ceramic Package, 5.5 mm x 11.9 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com