Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB520 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SB520
Description  Schottky Barrier Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SB520 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SB520_13 Datasheet HTML 1Page - Diotec Semiconductor SB520_13 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB520 ... SB5100
SB520 ... SB5100
Schottky Barrier Rectifier Diodes
Schottky-Barrier-Gleichrichterdioden
Version 2013-01-30
Dimensions - Maße [mm]
Nominal current
Nennstrom
5 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case
Kunststoffgehäuse
~ DO-201
Weight approx.
Gewicht ca.
1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1)
SB520
20
20
< 0.55
SB530
30
30
< 0.55
SB540
40
40
< 0.55
SB550
50
50
< 0.67
SB560
60
60
< 0.67
SB590
90
90
< 0.79
SB5100
100
100
< 0.79
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
5 A2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
20 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
250/285 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
310 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
1
IF = 5 A,Tj = 25°C
2
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 1.2±0.05
Ø 4.5+0.1
-0.3


Similar Part No. - SB520_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB520 DIODES-SB520_1 Datasheet
69Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
logo
Compact Technology Corp...
SB520 CTC-SB520_1 Datasheet
81Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB520 PANJIT-SB520_10 Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
SB520 CTC-SB520_15 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SB520 VISHAY-SB520_15 Datasheet
77Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
More results

Similar Description - SB520_13

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com