Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX760MTC Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74LCX760MTC
Description  Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX760MTC Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX760MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LCX760MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCX760MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCX760MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCX760MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCX760MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCX760MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCX760MTC Datasheet HTML 9Page - Fairchild Semiconductor 74LCX760MTC Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 4.4mm Wide
Package Number M20D


Similar Part No. - 74LCX760MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX760MTC FAIRCHILD-74LCX760MTC Datasheet
112Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
ON Semiconductor
74LCX760MTC ONSEMI-74LCX760MTC Datasheet
219Kb / 12P
   Low Voltage Buffer/Line Driver 5V Tolerant Inputs and Open Drain Outputs
Revised March 2005
More results

Similar Description - 74LCX760MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX760 FAIRCHILD-74LCX760_05 Datasheet
112Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
ON Semiconductor
74LCX760 ONSEMI-74LCX760 Datasheet
219Kb / 12P
   Low Voltage Buffer/Line Driver 5V Tolerant Inputs and Open Drain Outputs
Revised March 2005
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
logo
Fairchild Semiconductor
74LCX244 FAIRCHILD-74LCX244 Datasheet
432Kb / 12P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com