Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX646MTCX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LCX646MTCX
Description  Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX646MTCX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LCX646MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 9Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
DC Electrical Characteristics (Continued)
Note 6: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Note 7: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
10
µA
3.6V
≤ V
I, VO ≤ 5.5V (Note 6)
2.3
− 3.6
±10
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
150
MHz
tPHL
Propagation Delay
1.5
7.0
1.5
8.0
1.5
8.4
ns
tPLH
Bus to Bus
1.5
7.0
1.5
8.0
1.5
8.4
tPHL
Propagation Delay
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPLH
Clock to Bus
1.5
8.5
1.5
9.5
1.5
10.5
tPHL
Propagation Delay
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPLH
Select to Bus
1.5
8.5
1.5
9.5
1.5
10.5
tPZL
Output Enable Time
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPZH
1.58.5
1.59.5
1.5
10.5
tPLZ
Output Disable Time
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPHZ
1.58.5
1.59.5
1.5
10.5
tS
Setup Time
2.5
2.5
4.0
ns
tH
Hold Time
1.5
1.5
2.0
ns
tW
Pulse Width
3.3
3.3
4.0
ns
tOSHL
Output to Output Skew
1.0
ns
tOSLH
(Note 7)
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
25
pF


Similar Part No. - 74LCX646MTCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX646M1R STMICROELECTRONICS-74LCX646M1R Datasheet
241Kb / 13P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
More results

Similar Description - 74LCX646MTCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX32652 FAIRCHILD-74LCX32652 Datasheet
468Kb / 11P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX543 FAIRCHILD-74LCX543 Datasheet
90Kb / 8P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK Datasheet
244Kb / 6P
   LOW-VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX543 ONSEMI-74LCX543 Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Toshiba Semiconductor
TC74LCX16646AFT TOSHIBA-TC74LCX16646AFT Datasheet
390Kb / 12P
   LOW VOLTAGE 16-BIT TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com