Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX573MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LCX573MTC
Description  Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX573MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LCX573MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LCX573MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LCX573MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCX573MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCX573MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCX573MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCX573MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCX573MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCX573MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
74LCX573 Rev. 2.0.0
DC Electrical Characteristics
AC Electrical Characteristics
Notes:
6.
Outputs disabled or 3-STATE only.
7.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the
same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-
HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Units
Min.
Max.
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.7
V
2.7
− 3.6
2.0
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
2.7
− 3.6
0.8
VOH
HIGH Level Output
Voltage
IOH = −100µA
2.3
− 3.6
VCC − 0.2
V
IOH = −8mA
2.3
1.8
IOH = −12mA
2.7
2.2
IOH = −18mA
3.0
2.4
IOH = −24mA
3.0
2.2
VOL
LOW Level Output
Voltage
IOL = 100µA
2.3
− 3.6
0.2
V
IOL = 8mA
2.3
0.6
IOL = 12mA
2.7
0.4
IOL = 16mA
3.0
0.4
IOL = 24mA
3.0
0.55
II
Input Leakage Current
0
≤ V
I ≤ 5.5V
2.3
− 3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 5.5V, VI = VIH or
VIL
2.3
− 3.6
±5.0
µA
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
10
µA
3.6V
≤ V
I, VO ≤ 5.5V
6
2.3
− 3.6
±10
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500 Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5 ± 0.2V
CL = 50pF
CL = 50pF
CL = 30pF
Min.
Max.
Min.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay, Dn to On
1.5
8.0
1.5
9.0
1.5
9.6
ns
tPHL, tPLH
Propagation Delay, LE to On
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPZL, tPZH
Output Enable Time
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPLZ, tPHZ
Output Disable Time
1.5
6.5
1.5
7.0
1.5
7.8
ns
tS
Setup Time, Dn to LE
2.5
2.5
4.0
ns
tH
Hold Time, Dn to LE
1.5
1.5
2.0
ns
tW
LE Pulse Width
3.3
3.3
4.0
ns
tOSHL,
tOSLH
Output to Output Skew7
1.0
ns


Similar Part No. - 74LCX573MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX573MTC FAIRCHILD-74LCX573MTC_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX573MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Toshiba Semiconductor
TC74LCX573F TOSHIBA-TC74LCX573F Datasheet
306Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ373FK TOSHIBA-TC7MZ373FK Datasheet
252Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ573FK TOSHIBA-TC7MZ573FK Datasheet
261Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX373F TOSHIBA-TC74LCX373F Datasheet
303Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX543 FAIRCHILD-74LCX543 Datasheet
90Kb / 8P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com