Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I783-7J8-26.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I783-7J8-26.000
Description  2.0 mm x 2.5 mm Ceramic Package SMD TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I783-7J8-26.000 Datasheet(HTML) 1 Page - ILSI America LLC

  I783-7J8-26.000 Datasheet HTML 1Page - ILSI America LLC I783-7J8-26.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I583/I783 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
11/07/12_B
Specifications subject to change without notice
Page 1
2.50+/- 0.2
2.0+/-0.2
1.1 Max.
1
2
4
3
4
1
3
2
Pin Connection
1
Vcontrol / N.C.
2
GND
3
Output
4
Vcc
Dimension Units: mm
0.6
0.5
Recommended Pad Layout
0.10
0.10
0.6
3
4
2
1
No pattern area
1.4
2.3
2.80
Product Features:
Applications:
Low Current Consumption
Server & Storage
Ultra Miniature Package
CDMA/WCDMA
RoHS Compliant
802.11 / Wifi
Compatible with Leadfree Processing
T1/E1, T3/E3
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise.
** Not available for all temperature ranges.
Frequency
(Contact Sales Channel for other available frequencies)
Output Level
Clipped Sinewave
0.8 V p-p Min.
Output Load
Clipped Sinewave
10K Ohms / 10 pF
Frequency Stability
Vs Temperature
Vs Voltage
Vs Load(5%)
See Frequency Stability Table
 0.2 ppm Max.
.0.2 ppm Max.
Frequency Tolerance @ 25C
2 .0 ppm (After 2nd Reflow)
Aging
 1 ppm / Year Max.
Supply Voltage
See Supply Voltage Table , tolerance
 5%
Current
2.0 mA Max.
Voltage Control (I783)
1.5 VDC
 1.0 VDC,  5.0 ppm Min. (Custom Available)
Operating
See Operating Temperature Table
Storage
-40C to +85C
Harmonics
-8.0 dBc Max.
Phase Noise
-130 dBc/Hz @ 1KHz
Part Number Guide
Sample Part Number: I583-5P8-26.000 Mhz
Package
Operating Temperature
FrequencyStability vs Temperature
Supply Voltage
Frequency
I583 (Clipped Sinewave TCXO)
I783 (Clipped Sinewave TCVCXO)
7 = 0
 C to +50 C
P =
2.0 ppm
3 = 3.3 V
- 26.000 MHz
1 = 0
 C to +70 C
Q =
2.5 ppm
7 = 3.0 V
3 = -20
 C to +70 C
R =
3.0 ppm
8 = 2.8 V
5 = -30
 C to +85 C
J =
5.0 ppm
2 = 2.7 V
1 = 1.8 V


Similar Part No. - I783-7J8-26.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I789 ILSI-I789 Datasheet
246Kb / 3P
   High precision GPS support
More results

Similar Description - I783-7J8-26.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I587 ILSI-I587 Datasheet
87Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I537 ILSI-I537 Datasheet
47Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I547 ILSI-I547 Datasheet
47Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD TCXO
logo
Xtaltq Technologies Co....
BS2520A XTALTQ-BS2520A Datasheet
210Kb / 2P
   Typical 2.5 x 2.0 x 0.81 mm ceramic SMD package
logo
ILSI America LLC
I533 ILSI-I533 Datasheet
46Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD TCXO
ISM95 ILSI-ISM95 Datasheet
126Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
logo
Abracon Corporation
AWSZT-CW ABRACON-AWSZT-CW Datasheet
1Mb / 2P
   2.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
TAITIEN ELECTRONICS CO....
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
   2.5 x 2.0 mm SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com