Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX574WM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LCX574WM
Description  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX574WM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LCX574WM Datasheet HTML 1Page - Fairchild Semiconductor 74LCX574WM Datasheet HTML 2Page - Fairchild Semiconductor 74LCX574WM Datasheet HTML 3Page - Fairchild Semiconductor 74LCX574WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCX574WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCX574WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCX574WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCX574WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCX574WM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
74LCX574 Rev. 2.0.0
Logic Symbol
Connection Diagrams
Pin Assignments for
SOIC, SOP, SSOP, TSSOP
Pad Assignments for DQFN
(Top View)
Pin Descriptions
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
= LOW-to-HIGH Transition
NC
= No Change
Functional Description
The LCX574 consists of eight edge-triggered flip-flops
with individual D-type inputs and 3-STATE true outputs.
The buffered clock and buffered Output Enable are com-
mon to all flip-flops. The eight flip-flops will store the state
of their individual D inputs that meet the setup and hold
time requirements on the LOW-to-HIGH Clock (CP) tran-
sition. With the Output Enable (OE) LOW, the contents of
the eight flip-flops are available at the outputs. When OE
is HIGH, the outputs go to the high impedance state.
Operation of the OE input does not affect the loading of
the flip-flops.
D0 D1 D2 D3 D4 D5 D6 D7
O0
OE
CP
O1 O2 O3 O4 O5 O6 O7
D1
D2
D3
D4
D5
D6
D7
GND
D0
O1
O2
O3
O4
O5
O6
O7
CP
O0
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
D1
D2
D3
D4
D5
D6
D7
GND
D0
O1
O2
O3
O4
O5
O6
O7
CP
O0
VCC
120
2
3
4
5
6
7
8
9
10
11
19
18
17
16
15
14
13
12
OE
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs
Inputs
Internal Outputs
Function
OE CP
D
Q
On
HH
LNCZ
Hold
HH
HNCZ
Hold
HL
HZ
Load
HH
LZ
Load
LL
HL
Data Available
LH
LH
Data Available
LH
LNCNC
No Change in Data
LH
HNCNC
No Change in Data
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propaga-
tion delays.
C
O0
CP
OE
O1
O2
O3
O4
O5
O6
O7
D0
D1
D2
D3
D4
D5
D6
D7
D
Q
CD
Q
CD
Q
CD
Q
CD
Q
CD
Q
CD
Q
CD
Q


Similar Part No. - 74LCX574WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX574WM FAIRCHILD-74LCX574WM Datasheet
682Kb / 14P
   74LCX574
More results

Similar Description - 74LCX574WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com