Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX374 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74LCX374
Description  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LCX374 Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011996
www.fairchildsemi.com
February 1994
Revised March 2005
74LCX374
Low Voltage Octal D-Type Flip-Flop
with 5V Tolerant Inputs and Outputs
General Description
The LCX374 consists of eight D-type flip-flops featuring
separate D-type inputs for each flip-flop and 3-STATE out-
puts for bus-oriented applications. A buffered clock (CP)
and Output Enable (OE) are common to all flip-flops. The
LCX374 is designed for low voltage (3.3V or 2.5V) VCC
applications with capability of interfacing to a 5V signal
environment.
The LCX374 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.3V–3.6V VCC specifications provided
s 8.5 ns tPD max (VCC 3.3V), 10 PA ICC max
s Power-down high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s
r24 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds JEDEC 78 conditions
s ESD performance:
Human Body Model
! 2000V
Machine Model
! 200V
s Leadless Pb-Free DQFN package
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 2: DQFN package available in Tape and Reel only.
Note 3: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74LCX374WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LCX374SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX374BQX
(Preliminary)
(Note 2)
MLP020B
Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 4.5mm
74LCX374MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LCX374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LCX374MTCX_NL
(Note 3)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn