Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX374 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74LCX374
Description  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LCX374 Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 4)
Recommended Operating Conditions (Note 6)
Note 4: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Unused inputs or I/Os must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 7.0
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
DC Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to VCC  0.5
Output in HIGH or LOW State (Note 5)
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
50
VO ! VCC
IO
DC Output Source/Sink Current
r50
mA
ICC
DC Supply Current per Supply Pin
r100
mA
IGND
DC Ground Current per Ground Pin
r100
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
05.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE
0
5.5
IOH/IOL
Output Current
VCC 3.0V  3.6V
r24
mA
VCC 2.7V  3.0V
r12
VCC 2.3V  2.7V
r8
TA
Free-Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V  2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.3
 2.7
1.7
V
2.7
 3.6
2.0
VIL
LOW Level Input Voltage
2.3
 2.7
0.7
V
2.7
 3.6
0.8
VOH
HIGH Level Output Voltage
IOH 100 PA2.3  3.6
VCC  0.2
V
IOH 8 mA
2.3
1.8
IOH 12 mA
2.7
2.2
IOH 18 mA
3.0
2.4
IOH 24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL 100 PA2.3  3.6
0.2
V
IOL 8 mA
2.3
0.6
IOL 12 mA
2.7
0.4
IOL 16 mA
3.0
0.4
IOL 24 mA
3.0
0.55
II
Input Leakage Current
0
d VI d 5.5V
2.3
 3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 5.5V
2.3
 3.6
r5.0
PA
VI VIH or VIL
IOFF
Power-Off Leakage Current
VI or VO 5.5V
0
10
PA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn