Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX373 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74LCX373
Description  Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX373 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCX373 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
February 2006
74LCX373 Rev. 2.0.0
74LCX373
Low Voltage Octal Transparent Latch
with 5V Tolerant Inputs and Outputs
Features
5V tolerant inputs and outputs
2.3V–3.6V VCC specifications provided
8.0ns tPD max (VCC = 3.3V), 10µA ICC max
Power down high impedance inputs and outputs
Supports live insertion/withdrawal1
±24mA output drive (V
CC = 3.0V)
Implements patented noise/EMI reduction circuitry
Latch-up performance exceeds JEDEC 78 conditions
ESD performance
– Human body model
> 2000V
– Machine model
> 200V
Leadless Pb-Free DQFN package
General Description
The LCX373 consists of eight latches with 3-STATE out-
puts for bus organized system applications. The device is
designed for low voltage applications with capability of
interfacing to a 5V signal environment.
The LCX373 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Ordering Information
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Notes:
1.
To ensure the high impedance state during power up or down, OE should be tied to VCC through a pull-up resistor: the minimum
value of the resistor is determined by the current-sourcing capability of the driver.
2.
DQFN package available in Tape and Reel only.
3.
“_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order
Number
Package
Number
Package Description
74LCX373WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300"
Wide
74LCX373SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX373BQX2
MLP020B
Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads
(DQFN), JEDEC MO-241, 2.5 x 4.5mm
74LCX373MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm
Wide
74LCX373MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74LCX373MTCX_NL3
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC
MO-153, 4.4mm Wide


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn